Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 26Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 27Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 28Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 29Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 30Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 31Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 32Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 33Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
LDO3 is a multipurpose LDO with 3 operating modes:
1.
Normal mode – LDO works as general purpose LDOs to regulate VOUT only, such as the common
LDO1,2,5 and 6.
2.
Bypass mode – LDO operates as a power switch providing output without any regulation. Note, that in this
mode there is no overcurrent limitation available, and LDO is only protected by its input source capability;
that is typically BUCK3 powering application processor VIO domain at 1.8 V.
This mode can be set by writing to bit BYPASS in Table 41. LDO3_MAIN_CR or Table 46. LDO3_ALT_CR
register. Bypass mode can be activated by default at startup by setting LDO3_BYPASS bit in
Table 68. NVM_LDOS_RANK_SHR2.
Important : enabling BYPASS bit in Table 41. LDO3_MAIN_CR or Table 46. LDO3_ALT_CR overrides
normal and sink/source mode
3.
Sink/source mode – LDO is able to regulate voltage in source and sink mode allowing current to flow
to/from output; up to maximum rated current. This mode is dedicated to supply termination of DDR3/DDR3L
memories with fixed output voltage. If LDO3 is used in this mode, LDO3IN should be powered from the
output of BUCK2.
When LDO3 is enabled in this mode, output voltage is fixed and follows VOUT2/2; even during BUCK2
ramp-up and ramp-down phase. Overcurrent limitation works the same way as for the other LDOs, and it is
active for both load current polarities.
This mode can be enabled by setting VOUT[6:2] of Table 41. LDO3_MAIN_CR or Table 46. LDO3_ALT_CR
to 0x1F.
Note:
LDO requires the output capacitor with a low value of ESR and care must be taken during PCB design to
minimize parasitic inductance of the track between this capacitor and the device.
LDO4
It is primarily dedicated to supply 3.3 V circuit of USB analog PHY in AP.
VOUT setting – VOUT is fixed to 3.3 V
Automatic input switching - To guarantee the output voltage for various application scenarios (for example to
support discharged battery for Li-Ion/Li-PO battery powered device) LDO4 can be supplied from 3 power sources:
VIN, VBUSOTG and BSTOUT. The selection among these 3 power inputs is fully automatic, no user intervention
is needed. Internal circuit continuously monitors voltage levels on these pins and selects the input source having
the highest input voltage.
Active input source of LDO4 can be read out from LDO4_SRC[1:0] in Section 6.2.5 Restart status register
(RESTART_SR) status register.
REFDDR LDO (DDR reference voltage)
DDR_REF is sink/source LDO similar to LDO3 sink/source mode LDO but with lower current capability primarily
dedicated to supply VREF pin of lpDDR/DDR memories.
VOUT setting - Output voltage is fixed at VOUT2/2 at any time. Input of REFDDR is internally connected to
BUCK2IN.
In case BUCK2 is enabled/disabled when REFDDR is enabled, output of the REFDDR follows BUCK2 startup/
shutdown waveforms always keeping VOUT2/2.
Overcurrent limit circuit - When short-circuit event occurs, output of the LDO is current-limited and output
voltage decreases, however this LDO cannot trigger interrupt or shutdown the device.
4.2.3
LDO output voltage settings
Table 9. LDO output voltage settings
VOUT[4:0]
LDOx_MAIN/
ALT_CR[6:2]
VOUT[V]
LDO1
VOUT[V]
LDO2
VOUT[V]
LDO3
VOUT[V]
LDO5
VOUT[V]
LDO6
0
1.7
1.7
1.7
1.7
0.9
1
1.7
1.7
1.7
1.7
1
2
1.7
1.7
1.7
1.7
1.1
3
1.7
1.7
1.7
1.7
1.2
STPMIC1
LDO regulators
DS12792 - Rev 7
page 30/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com