Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 47Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 48Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 49Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 50Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 51Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 52Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 53Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 54Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
The example above shows POWER_UP and POWER_DOWN procedure from digital point of view (ENA bit of
each regulators); but not their respective output voltage (analog).
Regarding to analog behavior of each regulator, please refer to Section 4 Power regulators and switch
description.
5.4
Feature description
5.4.1
VIN conditions and monitoring
Main input supply named VIN is monitored permanently by the STPMIC1 state machine. There are different
threshold triggers on VIN. The lowest to the highest thresholds are: POR_VIN, VINOK, VINLOW as presented in
the Figure 55. VIN monitoring thresholds.
Figure 55. VIN monitoring thresholds
(NVM
)
200mv
VINOK_HYST(NVM)
VINLOW_TRESH
VINLOW_HYST
VINLOW_FA Interrupt
VINLOW_RI Interrupt
VIN
VINOK_Rise
VIN_POR_Rise
VIN_POR_Fall
VINLOW_Rise
VINLOW_Fall
VINOK_Fall
POR_VIN
POR_VIN is the minimum voltage required to supply the STPMIC1 internal circuitry. It is specified by two
hardcoded thresholds with 200 mv hysteresis:
•
Below VIN_POR_Fall STPMIC1 is considered as not supplied
•
Above VIN_POR_Rise STPMIC1 internal circuitry is functional
Refer to Section 3.4 Electrical and timing parameters for threshold value.
VIN_OK
VIN_OK is the minimal voltage required to allow the STPMIC1 to work in POWER_ON state.
It is specified by VINOK_Rise threshold and VINOK_HYST hysteresis values that can be adjusted in NVM,
respectively by VINOK_TRESH[1:0] and VINOK_HYS[1:0] bits in Table 65. NVM_MAIN_CTRL_SHR.
•
If VIN falls below VINOK_Fall (VINOK_Fall = VINOK_Rise – VINOK_HYST) then it is considered as a turn-OFF
condition and the STPMIC1 immediately starts POWER_DOWN sequence. Refer to Section 5.4.3 Turn-
OFF conditions and restart_request.
•
If VIN rises above VINOK_Rise then the STPMIC1 is allowed to go to POWER_ON state after a turn-ON
condition has occurred. Refer to Section 5.4.2 Turn-ON conditions
VINLOW
VINLOW is an optional and configurable software threshold that can be setup to notify the application processor
through interrupt, that a power shutdown, due to VIN going low, is a possible risk.
VINLOW can be enabled and configured by programming register Section 6.3.6 PWR_SWOUT and VIN control
register (SW_VIN_CR).
VINLOW rising and falling thresholds are defined by a logical signal point of view. VINLOW signal goes to ‘1’
(rising edge) when VIN decreases VINLOW_Rise threshold. VINLOW falling edge occurs when VIN goes above
VINLOW_Fall threshold.
STPMIC1
Feature description
DS12792 - Rev 7
page 51/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com