Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 82 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 78Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 79Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 80Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 81Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 82Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 83Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 84Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 85Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 140 page
background image
6.3.8
Mask reset Buck control register (BUCKS_MRST_CR)
Table 32. BUCKS_MRST_CR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
reserved
MRST_BUCK4
MRST_BUCK3
MRST_BUCK2
MRST_BUCK1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x18
Type: read/write register
Default: 0x00
Description: mask reset Buck control register. Set bit to 1 active Mask reset option for selected Bucks for the next
NRST power cycle. It is a single shot option. Register is reset to default in CHECK&LOAD state.
Refer to Section 5.4.4 Reset and mask_reset option.
[7 :4]
Reserved
[3]
MRST_BUCK4: Buck 4 mask reset option
0: inactive
1: Mask default active for Buck4
[2]
MRST_BUCK3: Buck3 mask reset option
0: inactive
1: Mask default active for Buck3
[1]
MRST_BUCK2: Buck2 mask reset option
0: inactive
1: Mask default active for Buck2
[0]
MRST_BUCK1: Buck1 mask reset option
0: inactive
1: Mask default active for Buck1
STPMIC1
Control registers
DS12792 - Rev 7
page 82/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com