Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 42Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 43Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 44Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 45Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 46Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 47Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 48Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 49Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 145 page
background image
Functional overview
STM32WLE5/E4xx
46/145
DS13105 Rev 8
•
PMBus (power system management protocol) specification rev 1.1 compatibility
•
independent clock: a choice of independent clock sources allowing the I2C
communication speed to be independent from the PCLK reprogramming (see Figure 8)
•
wakeup from Stop mode on address match
•
programmable analog and digital noise filters
•
1-byte buffer with DMA capability
3.28
Universal synchronous/asynchronous receiver transmitter
(USART/UART)
The devices embed two universal synchronous receiver transmitters, USART1 and
USART2 (see Table 16 for the implementation details).
Each USART provides asynchronous communication, IrDA SIR ENDEC support,
multiprocessor communication mode, single-wire half-duplex communication mode. Each
USART has LIN Master/Slave capability and provides hardware management of the CTS
and RTS signals, and RS485 driver enable.
The USART is able to communicate at speeds of up to 4 Mbit/s, and also provides
Smart Card mode (ISO 7816 compliant) and SPI-like communication capability.
The USART supports synchronous operation (SPI mode), and can be used as an SPI
master.
The USART has a clock domain independent from the CPU clock, allowing the USART to
wake up the MCU from Stop mode, using baudrates up to 200 kbaud.
The wakeup events from Stop mode are programmable and can be one of the following:
•
start bit detection
•
any received data frame
•
a specific programmed data frame
Table 15. I2C implementation
I2C features(1)
1. X = supported.
I2C1(2)
2. The register content is lost in Stop 2 mode.
I2C2(2)
I2C3
7-bit addressing mode
X
X
X
10-bit addressing mode
X
X
X
Standard-mode (up to 100 Kbit/s)
X
X
X
Fast-mode (up to 400 Kbit/s)
X
X
X
Fast-mode Plus with 20mA output drive I/Os (up to 1 Mbit/s)
X
X
X
Independent clock
X
X
X
Wakeup from Stop mode
X(3)
3. Wakeup supported from Stop 0 and Stop 1 modes.
X(3)
X(4)
4. Wakeup supported from Stop 0, Stop 1 and Stop 2 modes.
SMBus/PMBus
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com