Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 37Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 38Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 39Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 40Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 41Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 42Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 43Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 44Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 145 page
background image
DS13105 Rev 8
41/145
STM32WLE5/E4xx
Functional overview
48
3.18.3
VBAT battery voltage monitoring
This embedded hardware feature allows the application to measure the VBAT(a) battery
voltage using the ADC VIN[14] input channel. As VBAT may be higher than VDDA, and thus
outside the ADC input range, the VBAT pin is internally connected to a bridge divider by
three. As a consequence, the converted digital value is one third the VBAT voltage.
3.19
Digital-to-analog converter (DAC)
The 1-channel 12-bit buffered DAC converts a digital value into an analog voltage available
on the channel output. The architecture of each channel is based on an integrated resistor
string and an inverting amplifier. The digital circuitry is common for both channels.
DAC main features:
•
1 DAC output channel
•
8-bit or 12-bit output mode
•
buffer offset calibration (factory and user trimming)
•
left or right data alignment in 12-bit mode
•
synchronized update capability
•
noise-wave generation
•
triangular-wave generation
•
independent or simultaneous conversion for DAC channels
•
DMA capability for either DAC channel
•
triggering with timer events, synchronized with DMA
•
triggering with external events
Sample-and-hold low-power mode, with internal or external capacitor
3.20
Voltage reference buffer (VREFBUF)
The devices embed a voltage reference buffer that can be used as voltage reference for
ADC, and also as voltage reference for external components through the VREF+ pin.
VREFBUF supports two voltages: 2.048 V and 2.5 V.
An external voltage reference can be provided through the VREF+ pin when VREFBUF
is off.
Table 13. Internal voltage reference calibration values
Calibration value name
Description
Memory address
VREFINT_CAL
Raw data acquired at 30 °C (± 5 °C),
VDDA = VREF+ = 3.3 V (± 10 mV)
0x1FFF 75AA - 0x1FFF 75AB
a. VDD on STM32WLE5/E4UxYx devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com