Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 83Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 84Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 85Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 86Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 87Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 88Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 89Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 90Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 145 page
background image
Table 46. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
VDD
(V)
0 °C
25 °C
55 °C
85 °C
105 °C
0 °C
25 °C
85 °C
105 °C
IDD
(Stop 0)
Supply current in Stop 0 mode
RTC disabled
1.8
335
345
365
415
455
480
500
740
1200
µA
2.4
360
370
395
445
485
----
3.0
390
400
425
475
515
540
570
800
1200
3.6
425
435
460
515
550
580
600
840
1300
1. Guaranteed based on test during characterization, unless otherwise specified.
Table 47. Current consumption during wakeup from Stop 0 mode
Conditions
Typ at 25 °C
Unit
VDD = 1.8 V
VDD = 2.4 V
VDD = 3.0 V
VDD = 3.6 V
Wakeup clock: MSI 4 MHz, voltage range 2
3.45
3.76
3.45
4.04
nAs
Wakeup clock: MSI 2 MHz, voltage range 2
3.05
3.20
3.74
3.35
Wakeup clock: MSI 4 MHz, voltage range 1
3.20
3.66
3.30
4.11
Wakeup clock: MSI 16 MHz, voltage range 1
1.07
1.25
1.71
1.80
Wakeup clock: MSI 48 MHz, voltage range 1
0.867
1.13
1.39
0.949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com