Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 13Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 14Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 15Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 16Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 17Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 18Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 19Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 20Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 145 page
background image
DS13105 Rev 8
17/145
STM32WLE5/E4xx
Functional overview
48
•
Write protection (WRP): the protected area is protected against erasing and
programming. Two areas can be selected, with 4-Kbyte granularity.
•
Proprietary code readout protection (PCROP): two parts of the Flash memory can be
protected against read and write from third parties. The protected area is execute-only:
it can only be reached by the STM32 CPU, as an instruction code, while all other
accesses (DMA, debug and CPU data read, write and erase) are strictly prohibited.
Two areas can be selected, with 2-Kbyte granularity. An additional option bit
(PCROP_RDP) is used to select if the PCROP area is erased or not when the RDP
protection is changed from Level 1 to Level 0.
The whole non-volatile memory embeds the error correction code (ECC) feature supporting:
•
single error detection and correction
•
double error detection
•
address of the ECC fail can be read in the FLASH_ECCR register
3.5.2
Embedded SRAM
The devices feature up to 64 Kbytes of embedded SRAM, split in two blocks:
•
SRAM1: up to 32 Kbytes mapped at address 0x2000 0000
•
SRAM2: up to 32 Kbytes located at address 0x2000 8000 (contiguous to SRAM1), also
mirrored at 0x1000 0000, with hardware parity check (this SRAM can be retained in
Standby mode)
The SRAMs can be accessed in read/write with 0 wait states for all CPU clock speeds.
Backup registers
1Yes
Yes
NA(2)
No
No
NA(2)
2
Yes
Yes
NANANANA
SRAM2
1
Yes
Yes
Yes(2)
No
No
No(2)
2
Yes
Yes
Yes
NA
NA
NA
1. The option byte can be modified by the sub-GHz radio.
2. Erased when RDP changes from Level 1 to Level 0.
Table 3. Access status versus RDP level and execution mode (continued)
Area
RDP
level
User execution
Debug, boot from SRAM or boot from
system memory (loader)
Read
Write
Erase
Read
Write
Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com