Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 28Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 29Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 30Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 31Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 32Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 33Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 34Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 35Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 145 page
background image
Functional overview
STM32WLE5/E4xx
32/145
DS13105 Rev 8
Table 8. Low-power mode summary
Mode name
Entry
Wakeup
source(1)
Wakeup
system clock
Effect on clocks
Voltage
regulators
MR
LPR
Sleep
(Sleep-now or
Sleep-on-exit)
WFI or return
from ISR
Any interrupt
Same as before
entering Sleep mode
CPU clock OFF
No effect on other clocks
or analog clock sources
ON
ON
WFE
Wakeup event
LPRun
Set LPR bit
Clear LPR bit
Same as LPRun
clock
None
OFF
ON
LPSleep
Set LPR bit +
WFI or return
from ISR
Any interrupt
Same as before
entering LPSleep
mode
CPU clock OFF
No effect on other clocks
or analog clock sources
OFF
ON
Set LPR bit +
WFE
Wakeup event
OFF
ON
Stop 0
LPMS = 0b000 +
SLEEPDEEP bit
+ WFI or return
from ISR or WFE
Any EXTI line
(configured in the
EXTI registers).
Specific
peripherals
events
HSI16 when
STOPWUCK = 1 in
RCC_CFGR.
MSI with the
frequency before
entering the Stop
mode when
STOPWUCK = 0.
All clocks OFF
except HSI16, LSI and
LSE
ON
ON
Stop 1
LPMS = 0b001 +
SLEEPDEEP bit
+ WFI or return
from ISR or WFE
OFF
Stop 2
(with I2C3,
LPUART1,
LPTIM1,
SRAM1,
SRAM2)
LPMS = 0b010+
SLEEPDEEP bit
+ WFI or return
from ISR or WFE
Standby (with
SRAM2)
LPMS = 0b011+
Set RRS bit +
SLEEPDEEP bit
+ WFI or return
from ISR or WFE
Wakeup PVD,
RFIRQ, wakeup
RFBUSY, WKUP
pin edge, RTC
and TAMP event,
LSECSS,
external reset in
NRST pin,
IWDG reset
MSI 4 MHz
All clocks OFF
except LSI and LSE
OFF
ON
Standby
LPMS = 0b011 +
Clear RRS bit +
SLEEPDEEP bit
+ WFI or return
from ISR or WFE
OFF OFF
Shutdown
LPMS = 0b1xx +
SLEEPDEEP bit
+ WFI or return
from ISR or WFE
WKUP pin edge,
RTC and TAMP
event, external
reset in NRST
pin
MSI 4 MHz
All clocks OFF
except LSE
OFF OFF
1. Refer to Table 7: Functionalities depending on system operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com