Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 9Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 10Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 11Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 12Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 13Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 14Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 15Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 16Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
DS13105 Rev 8
13/145
STM32WLE5/E4xx
Description
14
Communication
interface
SPI/I2S
2 (1 supporting I2S)
I2C3
USART
2
LPUART
1
Watchdog
Independent
1
Window
1
RTC (with wakeup counter)
1
DMA (7 channels)
2
Semaphores
1
Security
AES 256 bits
1
RNG
1
PKA
1
PCROP, RDP, WRP
1
CRC
1
64-bit UID compliant with
IEEE 802-2001 standard
1
96-bit die ID
1
Tamper pins
3
3
2
Wakeup pins
3
3
2
GPIOs
294322
ADC (number of channels, ext + int)
1 (9 + 4)
1 (12 + 4)
1 (8 + 4)
DAC (number of channels)
1 (1)
Internal VREFBUF
No
Yes
No
Analog comparator
2
Operating voltage
1.8 to 3.6 V
Ambient operating temperature
–40 °C to +105 °C / –40 °C to +85 °C (with radio)
Junction temperature
–40 °C to +125 °C / –40 °C to +105 °C
Package
UFQFPN48
(7 x 7 mm)
UFBGA73
(5 x 5 mm)
WLCSP59
Table 2. Main features and peripheral counts (continued)
Feature
STM32WLE5Cx
STM32WLE4Cx
STM32WLE5Jx
STM32WLE4Jx
STM32WLE5Ux
STM32WLE4Ux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com