Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 69Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 70Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 71Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 72Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 73Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 74Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 75Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 76Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 145 page
background image
DS13105 Rev 8
73/145
STM32WLE5/E4xx
Electrical characteristics
133
TXRMP
PA ramping time
Programmable
10
-
3400
µs
TS_TX
TX wakeup time
Frequency synthesizer
enabled
-
36 + PA ramping
-
1. For low-power PA, +15 dBm maximum RF output power can be reached with optimal settings.
Table 31. Sub-GHz radio transmit mode specifications (continued)
Symbol
Description
Conditions
Min
Typ
Max
Unit
Table 32. Sub-GHz radio power management specifications
Symbol
Description
Conditions
Frequency
(MHz)
Unit
470
490
868
TRPOR
Required POR reset pulse duration
For VDD ≥ 1.8 V
50
100
-
µs
VEOLL
End-of-life low-threshold voltage
-
1.81 1.89 1.96
V
VEOLH
End-of-life high-threshold voltage
-
1.86 1.94
2.1
VEOLD
End-of-life hysteresis voltage
VEOLH - VEOLL
50
53
56
mV
VREG
Main regulated supply
LDO or SMPS over process,
voltage and temperature range
1.47 1.55 1.62
V
LDTRSMPS
Load transient for ILSMPS 100 µA to
100 mA in 10 µs
LDO running
High BW mode
-
25
-
mV
Low BW mode
-
47
-
ILSMPS
SMPS load current
-
-
-
100
mA
IDDSMPS
SMPS quiescent current
SMPS high power, VDD = 3.3 V
-
538
-
µA
SMPS low power, VDD = 3.3 V
-
460
-
EFFSMPS
SMPS converter average efficiency
EFF = VREG x ILOAD /
VDDSMPS x IDD
SMPS 100 mA max VDD = 3.3 V,
ILSMPS = 6 mA
-71-
%
SMPS 100 mA max VDD = 3.3 V,
ILSMPS = 50 mA
-89-
SMPS 100 mA max VDD = 1.8 V,
ILSMPS = 6 mA
-88-
SMPS 100 mA max VDD = 2.0 V,
ILSMPS = 50 mA
-91-
SMPS 100 mA max VDD = 3.3 V,
ILSMPS = 100 mA
-86-
Cout
Shared between LDO and SMPS
±20 % tolerance
-
470
-
nF
Lout
SMPS inductor
-
-
15
-
µH
TSSMPS
Sleep and Sleep, SMPS startup time
For ILIM = 50 mA
-
70
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com