Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCU7TR Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32WLE5CCU7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCU7TR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32WLE5CCU7TR Datasheet HTML 79Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 80Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 81Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 82Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 83Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 84Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 85Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 86Page - STMicroelectronics STM32WLE5CCU7TR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 145 page
background image
IDD(LPRun)(2)
Supply current
in LPRun mode
fHCLK = fMSI = 2 MHz
All peripherals disabled
Reduced code
0.225
mA
112.50
µA/MHz
CoreMark(1)
0.220
110.00
Dhrystone 2.1
0.225
112.50
Fibonacci
0.225
112.50
While(1)
0.195
97.50
1. CoreMark used for characterization results provided in Table 36 and Table 38.
2. Flash memory in power-down mode.
Table 39. Typical current consumption in Run and LPRun modes,
with different codes running from SRAM1 (continued)
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
-
Voltage scaling
Code
25 °C
25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com