| Electronic Components Datasheet Search |
|
STM32WLE5CCY7TR Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCY7TR Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 145 page ![]() Functional overview STM32WLE5/E4xx 44/145 DS13105 Rev 8 TIM16 and TIM17 main features: • general-purpose timers with mid-range features • 16-bit auto-reload upcounters and 16-bit prescalers • 1 channel and 1 complementary channel • channels that can all be used for input capture/output compare, PWM or one-pulse mode output • counter that can be frozen in debug mode • independent DMA request generation 3.25.3 Low-power timers (LPTIM1, LPTIM2 and LPTIM3) These low-power timers have an independent clock and run in Stop mode if they are clocked by LSE, LSI, or by an external clock. They are able to wake up the system from Stop mode. LPTIM1 is active in Stop 0, Stop 1 and Stop 2 modes. LPTIM2 and LPTIM3 are active in Stop 0 and Stop 1 modes. LPTIM1/2/3 main features: • 16-bit up counter with 16-bit autoreload register • 16-bit compare register • configurable output: pulse, PWM • continuous/one-shot mode • selectable software/hardware input trigger • selectable clock source • internal clock sources: LSE, either LSI, HSI16 or APB clock • external clock source over LPTIM input (works even with no internal clock source running, used by pulse counter application) • programmable digital glitch filter • encoder mode (LPTIM1 only) 3.25.4 Independent watchdog (IWDG) The independent watchdog is based on a 12-bit downcounter and a 8-bit prescaler. The IWDG is clocked from an independent 32 kHz internal RC (LSI). As the IWDG operates independently from the main clock, it can operate in Stop and Standby modes. The IWDG can be used either as a watchdog to reset the device when a problem occurs, or as a free running timer for application timeout management. The IWDG is hardware or software configurable through the option bytes. The counter can be frozen in debug mode. 3.25.5 System window watchdog (WWDG) The window watchdog is based on a 7-bit downcounter that can be set as free running. The WWDG can be used as a watchdog to reset the device when a problem occurs. The WWDG is clocked from the main clock and has an early warning interrupt capability. The counter can be frozen in debug mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |