Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 17Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 18Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 19Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 20Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 21Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 22Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 23Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 24Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
DS13105 Rev 8
21/145
STM32WLE5/E4xx
Functional overview
48
Figure 4. Low output power PA
3.8.4
Receiver
The receive chain comprises a differential low-noise amplifier (LNA), a down-converter to
low-IF by mixer operation in quadrature configuration. The I and Q signals are low pass
filtered and a Ʃ∆ ADC converts them into the digital domain. In the digital modem, the
signals are decimated, further down converted and channel filtered. The demodulation is
done according to the selected modulation scheme.
The down mixing to low-IF is done by mixing the receive signal with the local RF-PLL
located in the negative frequency, where -flo = -frf + -fif. (where flo is the local RF-PLL
frequency, frf is the received signal and fif is the intermediate frequency). The wanted signal
is located at frf = flo + fif.
The receiver features automatic I and Q calibration, that improves image rejection. The
calibration is done automatically at startup before using the receiver, and can be requested
by command.
The receiver supports LoRa, (G)MSK and (G)FSK modulations.
3.8.5
RF-PLL
The RF-PLL is used as the frequency synthesizer for the generation of the local oscillator
frequency (flo) for both transmit and receive chains. The RF-PLL uses auto calibration and
uses the 32 MHz HSE32 reference. The sub-GHz radio covers all continuous frequencies in
the range between 150 to 960 MHz.
MSv62617V2
Note: Use of the SMPS is optional. When SMPS is not used, the BOM can be reduced by removing the coil
between VLXSMPS and VFBSMPS pins.
VLXSMPS
VFBSMPS (1.55V)
VDDPA
VR_PA (up to 1.35V)
RFO_LP
LDO/SMPS
REG
PA
LP PA
LDO mode
SMPS mode
VDDSMPS (1.8 to 3.6V)
VDD
VLXSMPS
VFBSMPS (1.55V)
VDDPA
VR_PA (up to 1.35V)
RFO_LP
LDO/SMPS
REG
PA
VDD
LP PA
VDDSMPS (1.8 to 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com