Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 85Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 86Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 87Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 88Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 89Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 90Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 91Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 92Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 145 page
background image
Table 50. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
VDD
(V)
0 °C
25 °C
55 °C
85 °C
105 °C
0 °C
25 °C
85 °C
105 °C
IDD
(Shutdown)
Supply current in Shutdown mode
RTC disabled
Backup registers retained
1.8
0.001
0.008
0.105
0.380
0.995
0.001
0.043
1.70
6.40
µA
2.4
0.008
0.018
0.135
0.445
1.20
----
3.0
0.018
0.031
0.180
0.545
1.45
0.078
0.150
2.40
8.50
3.6
0.041
0.062
0.260
0.690
1.80
0.110
0.190
2.90
9.90
IDD
(Shutdown
with RTC)
Supply current
in Shutdown
mode (backup
registers
retained)
RTC enabled
RTC clocked by
an external clock
1.8
0.054
0.065
0.145
0.545
1.35
----
2.4
0.090
0.105
0.200
0.665
1.60
----
3.0
0.160
0.175
0.295
0.860
1.95
----
3.6
0.250
0.280
0.440
1.15
2.45
----
RTC clocked by
LSE quartz (2) in
low drive mode
1.8
0.140
0.155
0.270
0.605
1.20
----
2.4
0.165
0.185
0.315
0.705
1.40
----
3.0
0.205
0.225
0.380
0.855
1.70
----
3.6
0.265
0.295
0.500
1.10
2.10
----
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com