Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WLE5CCY7TR Datasheet HTML 1Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 2Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 3Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 4Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 5Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 6Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 7Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 8Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 145 page
background image
This is information on a product in full production.
November 2020
DS13105 Rev 8
1/145
STM32WLE5xx STM32WLE4xx
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®,
(G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
Datasheet
- production data
Features
Radio
• Frequency range: 150 MHz to 960 MHz
• Modulation: LoRa®, (G)FSK, (G)MSK and
BPSK
• RX sensitivity: –123 dBm for 2-FSK
(at 1.2 Kbit/s), –148 dBm for LoRa®
(at 10.4 kHz, spreading factor 12)
• Transmitter high output power, programmable
up to +22 dBm
• Transmitter low output power, programmable
up to +15 dBm
• Compliant with the following radio frequency
regulations such as ETSI EN 300 220,
EN 300 113, EN 301 166, FCC CFR 47
Part 15, 24, 90, 101 and the Japanese ARIB
STD-T30, T-67, T-108
• Compatible with standardized or proprietary
protocols such as LoRaWAN®, Sigfox™,
W-MBus and more (fully open wireless
system-on-chip)
Ultra-low-power platform
• 1.8 V to 3.6 V power supply
• –40 °C to +105 °C temperature range
• Shutdown mode: 31 nA (VDD = 3 V)
• Standby (+ RTC) mode:
360 nA (VDD = 3 V)
• Stop2 (+ RTC) mode: 1.07 µA (VDD = 3 V)
• Active-mode MCU: < 72 µA/MHz (CoreMark®)
• Active-mode RX: 4.82 mA
• Active-mode TX: 15 mA at 10 dBm and 87 mA
at 20 dBm (LoRa® 125 kHz)
Core
• 32-bit Arm® Cortex®-M4 CPU
– Adaptive real-time accelerator (ART
Accelerator) allowing 0-wait-state
execution from Flash memory, frequency
up to 48 MHz, MPU and DSP instructions
– 1.25 DMIPS/MHz (Dhrystone 2.1)
Security and identification
• Hardware encryption AES 256-bit
• True random number generator (RNG)
• Sector protection against read/write operations
(PCROP, RDP, WRP)
• CRC calculation unit
• Unique device identifier (64-bit UID compliant
with IEEE 802-2001 standard)
• 96-bit unique die identifier
• Hardware public key accelerator (PKA)
Supply and reset management
• High-efficiency embedded SMPS step-down
converter
• SMPS to LDO smart switch
• Ultra-safe, low-power BOR (brownout reset)
with 5 selectable thresholds
• Ultra-low-power POR/PDR
• Programmable voltage detector (PVD)
• VBAT mode with RTC and 20x32-byte backup
registers
Clock sources
• 32 MHz crystal oscillator
• TCXO support: programmable supply voltage
UFQFPN48
(7 x 7 mm)
UFBGA73
(5 x 5 mm)
WLCSP59
www.st.com


Similar Part No. - STM32WLE5CCY7TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WLE5CCY7TR STMICROELECTRONICS-STM32WLE5CCY7TR Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
More results

Similar Description - STM32WLE5CCY7TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
STMicroelectronics
STM32WL55JC STMICROELECTRONICS-STM32WL55JC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WL55CC STMICROELECTRONICS-STM32WL55CC Datasheet
2Mb / 145P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 1
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX Datasheet
2Mb / 145P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
STM32WL55JC STMICROELECTRONICS-STM32WL55JC_V01 Datasheet
3Mb / 147P
Multiprotocol LPWAN dual core 32-bit Arm® Cortex®-M4/M0 LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX_V01 Datasheet
3Mb / 146P
Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com