Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 94Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 95Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 96Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 97Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 98Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 99Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 100Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 101Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
98/145
DS13105 Rev 8
The external clock signal has to respect the I/O characteristics detailed in Section 5.3.16:
I/O port characteristics.The recommend clock input waveform is shown in the figure below.
Figure 17. Low-speed external clock source AC timing diagram
5.3.10
Internal clock source characteristics
Parameters given in the table below are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 25: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI16) RC oscillator
MS19215V2
VLSEH
tf(LSE)
90%
10%
TLSE
t
tr(LSE)
VLSEL
tw(LSEH)
tw(LSEL)
Table 60. Low-speed external user clock characteristics(1) – Bypass mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User external clock source
frequency
-
21.2
32.768
44.4
kHz
VLSEH
OSC32_IN input pin high-
level voltage
-
0.7 x
VDDx
-VDDx
V
VLSEL
OSC32_IN input pin low-
level voltage
-VSS
-
0.3 x VDDx
tw(LSEH)
tw(LSEL)
OSC32_IN high or low time
-
250
-
-
ns
ftolLSE
Frequency tolerance
Includes initial accuracy,
stability over temperature,
aging and frequency pulling
–500
-
+500
ppm
1. Guaranteed by design.
Table 61. HSI16 oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
HSI16 frequency
VDD = 3.0 V, TA = 30 °C 15.88
-
16.08
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com