Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 31Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 32Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 33Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 34Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 35Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 36Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 37Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 38Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 145 page
background image
DS13105 Rev 8
35/145
STM32WLE5/E4xx
Functional overview
48
3.12
Reset and clock controller (RCC)
The following different clock sources can be used to drive the system clock (SYSCLK):
•
HSI16 (high-speed internal) 16 MHz RC oscillator clock
•
MSI (multi-speed internal) RC oscillator clock from 100 kHz to 48 MHz
•
HSE32 (high-speed external) 32 MHz oscillator clock, with trimming capacitors.
•
PLL clock
The MSI is used as system clock source after startup from reset, configured at 4 MHz.
The devices have the following additional clock sources:
•
LSI: 32 kHz low-speed internal RC that may drive the independent watchdog and
optionally the RTC used for auto-wakeup from Stop and Standby modes.
•
LSE: 32.768 kHz low-speed external crystal that optionally drives the RTC used for
auto-wakeup from Stop, Standby and Shutdown modes, or the real-time clock
(RTCCLK).
Each clock source can be switched on or off independently when it is not used, to optimize
power consumption.
Several prescalers can be used to configure the AHB frequencies (HCLK3/PCLK3, HCLK1),
the high-speed APB2 (PCLK2) and the low-speed APB1 (PCLK1) domains. The maximum
frequency of the AHB (HCLK3, HCLK1), the PCLK1 and the PCLK2 domains is 48 MHz.
Most peripheral clocks are derived from their bus clock (HCLK, PCLK) except the following:
•
The clock used for true RNG, is derived (selected by software) from one of the following
sources:
–
PLL VCO (PLLQCLK) (only available in Run mode)
–
MSI (only available in Run mode)
–
LSI clock
–
LSE clock
•
The ADC clock is derived (selected by software) from one of the following sources:
–
system clock (SYSCLK) (only available in Run mode)
–
HSI16 clock (only available in Run mode)
–
PLL VCO (PLLPCLK) (only available in Run mode)
•
The DAC uses the LSI clock in sample and hold mode
•
The (LP)U(S)ARTs clocks are derived (selected by software) from one of the following
sources:
–
system clock (SYSCLK) (only available in Run mode)
–
HSI16 clock (available in Run and Stop modes)
–
LSE clock (available in Run and Stop modes)
–
APB clock (PCLK depending on which APB the U(S)ART is mapped) (available in
CRun and CSleep when also enabled in (LP)U(S)ARTxSMEN)
The wakeup from Stop mode is supported only when the clock is HSI16 or LSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com