| Electronic Components Datasheet Search |
|
STM32WLE5CCY7TR Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCY7TR Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 145 page ![]() DS13105 Rev 8 27/145 STM32WLE5/E4xx Functional overview 48 Five BOR thresholds can be selected through option bytes. During power-on, BOR keeps the device under reset until the supply voltage VDD reaches the specified VBORx threshold: • When VDD drops below the selected threshold, a device reset is generated. • When VDD is above the VBORx upper limit, the device reset is released and the system can start. The devices feature an embedded PVD (programmable voltage detector) that monitors the VDD power supply and compares it with the VPVD threshold. An interrupt can be generated when VDD drops below the VPVD threshold and/or when VDD is higher than the VPVD threshold. The interrupt service routine can then generate a warning message and/or put the MCU into a safe state. The PVD is enabled by software and can be configured to monitor the VDD supply level needed for the sub-GHz radio operation. For this, the PVD must select its lowest threshold, and the PVD and the wakeup must be enabled by the EWPVD bit in PWR_CR3 register. Only a voltage drop below the PVD level generates a wakeup event. In addition, the devices embed a PVM (peripheral voltage monitor) that compares the independent supply voltage VDDA with a fixed threshold to ensure that the peripheral is in its functional supply range. Finally, a radio end-of-life monitor provides information on the VDD supply when VDD is too low to operate the sub-GHz radio. When reaching the EOL level, the software must stop all radio activity in a safe way. 3.9.3 Linear voltage regulator Two embedded linear voltage regulators supply all the digital circuitries, except for the Standby circuitry and the Backup domain. The main regulator (MR) output voltage (VCORE) can be programmed by software to two different power ranges (range 1 and range 2), to optimize the consumption depending on the system maximum operating frequency. The voltage regulators are always enabled after a reset. Depending on the application modes, the VCORE supply is provided either by the main regulator or by the low-power regulator (LPR). When MR is used, a dynamic voltage scaling is proposed to optimize power as follows: • range 1: high-performance range The system clock frequency can be up to 48 MHz. The Flash memory access time for read access is minimum. Write and erase operations are possible. • range 2: low-power range The system clock frequency can be up to 16 MHz.The Flash memory access time for a read access is increased as compared to range 1. Write and erase operations are possible. Note: MR is supplied by VDD during power-on or at wakeup from Stop1, Stop2, Standby or Shutdown mode. MR is powered by LDO/SMPS after these transition phases. 3.9.4 VBAT operation The VBAT pin is used to power the device VBAT domain (RTC, LSE and backup registers) from an external battery, an external super-capacitor, or from VDD when no external battery |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |