| Electronic Components Datasheet Search |
|
STM32WLE5CCY7TR Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCY7TR Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 145 page ![]() DS13105 Rev 8 17/145 STM32WLE5/E4xx Functional overview 48 • Write protection (WRP): the protected area is protected against erasing and programming. Two areas can be selected, with 4-Kbyte granularity. • Proprietary code readout protection (PCROP): two parts of the Flash memory can be protected against read and write from third parties. The protected area is execute-only: it can only be reached by the STM32 CPU, as an instruction code, while all other accesses (DMA, debug and CPU data read, write and erase) are strictly prohibited. Two areas can be selected, with 2-Kbyte granularity. An additional option bit (PCROP_RDP) is used to select if the PCROP area is erased or not when the RDP protection is changed from Level 1 to Level 0. The whole non-volatile memory embeds the error correction code (ECC) feature supporting: • single error detection and correction • double error detection • address of the ECC fail can be read in the FLASH_ECCR register 3.5.2 Embedded SRAM The devices feature up to 64 Kbytes of embedded SRAM, split in two blocks: • SRAM1: up to 32 Kbytes mapped at address 0x2000 0000 • SRAM2: up to 32 Kbytes located at address 0x2000 8000 (contiguous to SRAM1), also mirrored at 0x1000 0000, with hardware parity check (this SRAM can be retained in Standby mode) The SRAMs can be accessed in read/write with 0 wait states for all CPU clock speeds. Backup registers 1Yes Yes NA(2) No No NA(2) 2 Yes Yes NANANANA SRAM2 1 Yes Yes Yes(2) No No No(2) 2 Yes Yes Yes NA NA NA 1. The option byte can be modified by the sub-GHz radio. 2. Erased when RDP changes from Level 1 to Level 0. Table 3. Access status versus RDP level and execution mode (continued) Area RDP level User execution Debug, boot from SRAM or boot from system memory (loader) Read Write Erase Read Write Erase |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |