Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 97Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 98Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 99Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 100Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 101Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 102Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 103Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 104Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 145 page
background image
DS13105 Rev 8
101/145
STM32WLE5/E4xx
Electrical characteristics
133
∆VDD(MSI)(2)
MSI oscillator
frequency drift
over VDD
(reference is 3 V)
MSI mode
Range 0 to 3
VDD =
1.8 to 3.6 V
–1.2
-
0.5
%
VDD =
2.4 to 3.6 V
–0.5
-
Range 4 to 7
VDD =
1.8 to 3.6 V
–2.5
-
0.7
VDD =
2.4 to 3.6 V
–0.8
-
Range 8 to 11
VDD =
1.8 to 3.6 V
–5
-
1
VDD =
2.4 to 3.6 V
–1.6
-
∆FSAMPLING
(MSI)(2)(4)
Frequency
variation in
sampling mode(3)
MSI mode
Tj = -40 to 85 °C
-
1
2
Tj = -40 to 125 °C
-
2
4
CC jitter(MSI)(4)
RMS cycle-to-
cycle jitter
PLL mode Range 11
-
-
60
-
ps
P jitter(MSI)(4)
RMS period jitter
PLL mode Range 11
-
-
50
-
tSU(MSI)(4)
MSI oscillator
start-up time
Range 0
-
-
10
20
μs
Range 1
-
-
5
10
Range 2
-
-
4
8
Range 3
-
-
3
7
Range 4 to 7
-
-
3
6
Range 8 to 11
-
-
2.5
6
tSTAB(MSI)(4)
MSI oscillator
stabilization time
PLL mode
Range 11
10 % of final
frequency
-
-
0.25
0.5
ms
5 % of final
frequency
--
0.5
1.25
1 % of final
frequency
--
-
2.5
Table 62. MSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com