Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 101Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 102Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 103Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 104Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 105Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 106Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 107Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 108Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 145 page
background image
DS13105 Rev 8
105/145
STM32WLE5/E4xx
Electrical characteristics
133
5.3.13
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling two LEDs through I/O ports).
the device is stressed by the following electromagnetic events until a failure occurs (failure
indicated by the LEDs):
•
ESD (electrostatic discharge, positive and negative) applied to all device pins until a
functional disturbance occurs (test compliant with IEC 61000-4-2 standard)
•
FTB (burst of fast transient voltage, positive and negative) applied to VDD and VSS
pins, through a 100 pF capacitor, until a functional disturbance occurs (test compliant
with IEC 61000-4-4 standard)
A device reset allows normal operations to be resumed.
The test results given in the table below, are based on the EMS levels and classes defined
in application note EMC design guide for STM8, STM32 and Legacy MCUs (AN1709).
IDD
Average consumption from VDD
Write mode
3.4
-
mA
Erase mode
3.4
-
Maximum current (peak)
Write mode
7 (for 6 µs)
-
Erase mode
7 (for 67 µs)
-
1. Guaranteed by design.
Table 65. Flash memory characteristics(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 66. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Min(1)
Unit
NEND
Endurance
TA = -40 to +105 °C
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
30
Years
1 kcycle(2) at TA = 105 °C
15
10 kcycles(2) at TA = 55 °C
30
10 kcycles(2) at TA = 85 °C
15
10 kcycles(2) at TA = 105 °C
10
1. Guaranteed by characterization results.
2. Cycling performed over the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com