Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 100Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 101Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 102Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 103Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 104Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 105Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 106Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 107Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
104/145
DS13105 Rev 8
5.3.11
PLL characteristics
Parameters given in the table below are derived from tests performed under temperature
and VDD supply voltage conditions summarized in Table 25: General operating conditions.
5.3.12
Flash memory characteristics
Table 64. PLL characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
-2.66
-
16
MHz
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT PLL multiplier output clock P
Voltage scaling Range 1
3
-
48
MHz
Voltage scaling Range 2
3
-
16
fPLL_Q_OUT PLL multiplier output clock Q
Voltage scaling Range 1
12
-
48
Voltage scaling Range 2
12
-
16
fPLL_R_OUT PLL multiplier output clock R
Voltage scaling Range 1
12
-
48
Voltage scaling Range 2
12
-
16
fVCO_OUT PLL VCO output
Voltage scaling Range 1
96
-
344
Voltage scaling Range 2
96
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 48 MHz
-40
-
ps
RMS period jitter
-
30
-
IDD(PLL)
PLL power consumption on
VDD(1)
VCO freq = 96 MHz
-
200
260
μA
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650
1. Guaranteed by design.
2. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared
between the two PLLs.
Table 65. Flash memory characteristics(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tprog
64-bit programming time
-
81.7
90.8
µs
tprog_row
One row (64 double-words) programming time
Normal
programming
5.2
5.5
ms
Fast programming
3.8
4.0
tprog_page
One 2-Kbyte page programming time
Normal
programming
41.8
43.0
Fast programming
30.4
31.0
tERASE
2-Kbyte page erase time
-
22.0
24.5
tME
Mass erase time
-
22.1
25.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com