Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 106Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 107Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 108Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 109Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 110Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 111Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 112Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 113Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
110/145
DS13105 Rev 8
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters, as shown
in the figure below.
Figure 20. I/O input characteristics - VIL and VIH on all I/Os
Output driving current
The GPIOs can sink or source up to ±8 mA, and sink or source up to ± 20 mA (with a
relaxed VOL/VOH).
In the user application, the number of I/O pins that can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2: Absolute maximum ratings.
The sum of the currents sourced by all the I/Os on VDD, plus the maximum consumption of
the MCU sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD (see
Table 21: Voltage characteristics).
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of the
MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see Table 21:
Voltage characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 25: General operating conditions. All I/Os are CMOS- and TTL-compliant (FT or TT
unless otherwise specified).
MSv64346V1
VIH spec 70 %
VIL spec 30 %
VIH rule
VIL rule
VIH spec TTL
VIL spec TTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com