Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WLE5CCY7TR Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32WLE5CCY7TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5CCY7TR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32WLE5CCY7TR Datasheet HTML 112Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 113Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 114Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 115Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 116Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 117Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 118Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 119Page - STMicroelectronics STM32WLE5CCY7TR Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
116/145
DS13105 Rev 8
10 bits
1.5(3)
43
68
3.5
100
820
7.5
214
3300
12.5
357
5600
19.5
557
10000
39.5
1129
22000
79.5
2271
39000
160.5
4586
50000
8 bits
1.5(3)
43
82
3.5
100
1500
7.5
214
3900
12.5
357
6800
19.5
557
12000
39.5
1129
27000
79.5
2271
50000
160.5
4586
50000
6 bits
1.5(3)
43
390
3.5
100
2200
7.5
214
5600
12.5
357
10000
19.5
557
15000
39.5
1129
33000
79.5
2271
50000
160.5
4586
50000
1. Guaranteed by design.
2. I/O analog switch voltage booster must be enabled (BOOSTEN = 1 in the SYSCFG_CFGR1) when VDDA < 2.4 V and
disabled when VDDA ≥ 2.4 V.
3. Only allowed with VDDA > 2 V
Table 78. Maximum ADC RAIN values (continued)
Resolution
Sampling cycle at 35 MHz (ns)
Sampling time at 35 MHz (ns)
Max. RAIN(1)(2)(Ω)
Table 79. ADC accuracy(1)(2)(3)
Symbol
Parameter
Conditions(4)
Min Typ Max Unit
ET
Total
unadjusted
error
VDDA = VREF+ = 3 V, fADC = 35 MHz, fs ≤ 2.5 Msps, TA = 25 °C
-
3
4
LSB
2 V < VDDA, VREF+ < 3.6 V,
fADC = 35 MHz; fs ≤ 2.5 Msps, TA = entire range
-3
6.5
1.62 V < VDDA = VREF+ < 3.6 V, TA = entire range
Range 1: fADC = 35 MHz, fs ≤ 2.2 Msps
Range 2: fADC = 16 MHz, fs ≤ 1.1 Msps
-3
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com