Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 192Page - Texas Instruments AM6421 Datasheet HTML 193Page - Texas Instruments AM6421 Datasheet HTML 194Page - Texas Instruments AM6421 Datasheet HTML 195Page - Texas Instruments AM6421 Datasheet HTML 196Page - Texas Instruments AM6421 Datasheet HTML 197Page - Texas Instruments AM6421 Datasheet HTML 198Page - Texas Instruments AM6421 Datasheet HTML 199Page - Texas Instruments AM6421 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 237 page
background image
Table 7-94. PRU_ICSSG IEP Timing Requirements – Input Validated with SYNC (continued)
see Figure 7-94
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRIEP2 tw(EDC_SYNC_OUTxH)
Pulse duration, EDC_SYNC_OUTx high
-2+20*P
(1)
ns
PRIEP3 tsu(EDIO_DATA_IN-
EDC_SYNC_OUTx)
Setup time, EDIO_DATA_IN valid before EDC_SYNC_OUTx active
edge
20
ns
PRIEP4 th(EDC_SYNC_OUTx-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after EDC_SYNC_OUTx active
edge
20
ns
(1)
P = PRU_ICSSG IEP clock source period in ns.
EDC_SYNC_OUTx
PRIEP4
PRIEP2
PRIEP3
EDIO_DATA_IN[7:0]
PRU_IEP_TIMING_01
PRIEP1
Figure 7-94. PRU_ICSSG IEP SYNC Timing Requirements
Table 7-95. PRU_ICSSG IEP Timing Requirements – Digital IOs
see Figure 7-95
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
IEPIO1
tw(EDIO_OUTVALIDL)
Pulse duration, EDIO_OUTVALID low
-2+14*P
(1)
ns
IEPIO2
tw(EDIO_OUTVALIDH)
Pulse duration, EDIO_OUTVALID high
-2+32*P
(1)
ns
IEPIO3
td(EDIO_OUTVALID-
EDIO_DATA_OUT)
Delay time, EDIO_OUTVALID to EDIO_DATA_OUT
0
18*P
(1)
ns
IEPIO4
tsk(EDIO_DATA_OUT)
EDIO_DATA_OUT skew
5
ns
(1)
P = PRU_ICSSG IEP clock source period in ns.
EDIO_DATA_OUT
PRU_EDIO_DATA_OUT_TIMING_00
IEPIO4
Figure 7-95. PRU_ICSSG IEP Digital IOs Timing Requirements
Table 7-96. PRU_ICSSG IEP Timing Requirements – LATCH_INx
see Figure 7-96
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRLA1
tw(EDC_LATCH_INxL)
Pulse duration, EDC_LATCH_INx low
2+3*P
(1)
ns
PRLA2
tw(EDC_LATCH_INxH)
Pulse duration, EDC_LATCH_INx high
2+3*P
(1)
ns
(1)
P = PRU_ICSSG IEP clock source period in ns.
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
196
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com