Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 197 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 197 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 193Page - Texas Instruments AM6421 Datasheet HTML 194Page - Texas Instruments AM6421 Datasheet HTML 195Page - Texas Instruments AM6421 Datasheet HTML 196Page - Texas Instruments AM6421 Datasheet HTML 197Page - Texas Instruments AM6421 Datasheet HTML 198Page - Texas Instruments AM6421 Datasheet HTML 199Page - Texas Instruments AM6421 Datasheet HTML 200Page - Texas Instruments AM6421 Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 237 page
background image
EDC_LATCH_INx
PRLA2
PRU_IEP_TIMING_02
PRLA1
Figure 7-96. PRU_ICSSG IEP LATCH_INx Timing Requirements
7.10.5.16.4 PRU_ICSSG Universal Asynchronous Receiver Transmitter (UART)
Table 7-97. PRU_ICSSG UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.01
0.33
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30
pF
7.10.5.16.4.1 PRU_ICSSG UART Timing
Table 7-98. PRU_ICSSG UART Timing Requirements
see Figure 7-97
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRUR1H
tw(RXH)
Pulse duration, receive start, stop, data bit high
U
(1)
ns
PRUR1L
tw(RXL)
Pulse duration, receive start, stop, data bit low
-2+U
(1)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
Table 7-99. PRU_ICSSG UART Switching Characteristics
see Figure 7-97
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Programmed baud rate
12
Mbps
PRUR3H
tw(TXH)
Pulse duration, transmit start, stop, data bit high
U
(1)
ns
PRUR3L
tw(TXL)
Pulse duration, transmit start, stop, data bit low
-2+U
(1)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
PRUR3L
Start
Bit
Data Bits
PRG _UART0_TXD
i
PRU_UART_TIMING_01
PRUR3H
PRUR1L
Data Bits
Bit
Start
PRG _UART0_RXD
i
PRUR1H
(1)
(1)
(1) i in PRG _UART0_RXD and PRG _UART0_TXD = 0, 1 or 2
i
i
Figure 7-97. PRU_ICSSG UART Timing Requirements and Switching Characteristics
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
197
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com