Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 188Page - Texas Instruments AM6421 Datasheet HTML 189Page - Texas Instruments AM6421 Datasheet HTML 190Page - Texas Instruments AM6421 Datasheet HTML 191Page - Texas Instruments AM6421 Datasheet HTML 192Page - Texas Instruments AM6421 Datasheet HTML 193Page - Texas Instruments AM6421 Datasheet HTML 194Page - Texas Instruments AM6421 Datasheet HTML 195Page - Texas Instruments AM6421 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 237 page
background image
CLOCKIN
DATAIN
PRPC1
PRPC2
PRPC3
PRPC5
PRU_TIMING_04
PRPC4
Figure 7-86. PRU_ICSSG PRU Parallel Capture Timing Requirements – Falling Edge Mode
7.10.5.16.1.3 PRU_ICSSG PRU Shift Mode Timing
Table 7-85. PRU_ICSSG PRU Timing Requirements – Shift In Mode
see Figure 7-87
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRSI1
tw(DATAINH)
Pulse duration, DATAIN high
2+2*P
(1)
ns
PRSI2
tw(DATAINL)
Pulse duration, DATAIN low
2+2*P
(1)
ns
(1)
P = Internal shift in clock period, defined by PRUn_GPI_DIV0 and PRUn_GPI_DIV1 bit fields in the ICSSG_GPCFGn_REG register.
PRUn represents the respective PRU0 or PRU1 instance.
DATAIN
PRSI1
PRSI2
PRU_TIMING_05
Figure 7-87. PRU_ICSSG PRU Shift In Timing
Table 7-86. PRU_ICSSG PRU Switching Characteristics – Shift Out Mode
see Figure 7-88
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRSO1
tc(CLOCKOUT)
Cycle time, CLOCKOUT
10
ns
PRSO2L
tw(CLOCKOUTL)
Pulse duration, CLOCKOUT low
-0.3 +
0.475*P*Z
(1)(2)
ns
PRSO2H
tw(CLOCKOUTH)
Pulse duration, CLOCKOUT high
-0.3 +
0.475*P*Y
(1)(3)
ns
PRSO3
td(CLOCKOUT-DATAOUT) Delay time, CLOCKOUT to DATAOUT valid
-1
4
ns
(1)
P = Software programmable shift out clock period, defined by PRUn_GPO_DIV0 and PRUn_GPO_DIV1 bit fields in the
ICSSG_GPCFGn_REG register, where PRUn represents the respective PRU0 or PRU1 instance.
(2)
The Z parameter is defined as follows, where PRUn represents the respective PRU0 or PRU1 instance.
a. If PRUn_GPI_DIV0 and PRUn_GPI_DIV1 are INTEGERS -or- if PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is an
EVEN INTEGER then, Z equals (PRUn_GPI_DIV0 * PRUn_GPI_DIV1).
b. If PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is an ODD INTEGER then, Z equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 + 0.5).
c. If PRUn_GPI_DIV0 is a NON-INTEGER and PRUn_GPI_DIV1 is an ODD INTEGER then, Z equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 + 0.5).
d. If PRUn_GPI_DIV0 is an INTEGER and PRUn_GPI_DIV1 is a NON-INTEGER then, Z equals (PRUn_GPI_DIV0 *
PRUn_GPI_DIV1 + 0.5 * PRUn_GPI_DIV0). If PRUn_GPI_DIV0 and PRUn_GPI_DIV1 are NON-INTEGERS then, Z equals
(PRUn_GPI_DIV0 * PRUn_GPI_DIV1 + 0.25 * PRUn_GPI_DIV0).
(3)
The Y parameter is defined as follows, where PRUn represents the respective PRU0 or PRU1 instance.
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
192
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com