Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7430/Y9X Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 26Page - Microchip Technology LAN7430/Y9X Datasheet HTML 27Page - Microchip Technology LAN7430/Y9X Datasheet HTML 28Page - Microchip Technology LAN7430/Y9X Datasheet HTML 29Page - Microchip Technology LAN7430/Y9X Datasheet HTML 30Page - Microchip Technology LAN7430/Y9X Datasheet HTML 31Page - Microchip Technology LAN7430/Y9X Datasheet HTML 32Page - Microchip Technology LAN7430/Y9X Datasheet HTML 33Page - Microchip Technology LAN7430/Y9X Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 30
 2018-2019 Microchip Technology Inc.
5.0
DEVICE CONFIGURATION
5.1
Device Drivers
Microchip provides LAN7430/LAN7431 software device drivers for the following operating systems:
• Windows 10
• Windows 8.x
• Windows 7
• Windows OneCore
•Linux
• Android
To download the latest LAN7430/LAN7431 drivers, refer to the Microchip product pages at www.microchip.com/
LAN7430 and www.microchip.com/LAN7431.
5.2
Programming Tools
The LAN7430/LAN7431 supports a large number of configurable features. Microchip provides a comprehensive soft-
ware programming tool, MPLAB Connect Configurator (formerly ProTouch2), for EEPROM and OTP configuration of
various device functions and registers. All configuration is to be performed via the MPLAB Connect Configurator pro-
gramming tool. For additional information on this tool, refer to th MPLAB Connect Configurator programming tool prod-
uct page at http://www.microchip.com/design-centers/usb/mplab-connect-configurator.
Note:
Device configuration straps are detailed in Section 3.4, "Configuration Straps," on page 25.
Refer to Section 6.10, "EEPROM Controller (EEP)" and Section 6.11, "One Time Programmable Memory
(OTP)" for detailed information on each device interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com