Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7430/Y9X Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 13Page - Microchip Technology LAN7430/Y9X Datasheet HTML 14Page - Microchip Technology LAN7430/Y9X Datasheet HTML 15Page - Microchip Technology LAN7430/Y9X Datasheet HTML 16Page - Microchip Technology LAN7430/Y9X Datasheet HTML 17Page - Microchip Technology LAN7430/Y9X Datasheet HTML 18Page - Microchip Technology LAN7430/Y9X Datasheet HTML 19Page - Microchip Technology LAN7430/Y9X Datasheet HTML 20Page - Microchip Technology LAN7430/Y9X Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 17
LAN7430/LAN7431
Ethernet TX/RX
Negative
Channel C
TXRXM_C
AIO
Media Dependent Interface[2], negative signal of differen-
tial pair
1000BT mode: TXRXM_C corresponds to BI_DC- for
MDI configuration and BI_DD- for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXM_C is not used.
Ethernet TX/RX
Positive
Channel D
TXRXP_D
AIO
Media Dependent Interface[3], positive signal of differen-
tial pair
1000BT mode: TXRXP_D corresponds to BI_DD+ for
MDI configuration and BI_DC+ for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXP_D is not used.
Ethernet TX/RX
Negative
Channel D
TXRXM_D
AIO
Media Dependent Interface[3], negative signal of differen-
tial pair
1000BT mode: TXRXM_D corresponds to BI_DD- for
MDI configuration and BI_DC- for MDI-X configuration,
respectively.
10BT/100BT mode: TXRXM_D is not used.
External Gigabit Ethernet PHY RGMII (LAN7431 only)
Transmit Data
TXD3
TXD2
TXD1
TXD0
RGMII_O The MAC transmits data to the external Ethernet PHY
using these signals.
Transmit Control
TX_CTL
RGMII_O Indicates both the transmit data enable (TXEN) and
transmit error (TXER) functions per the RGMII specifica-
tion.
RGMII Transmit
Clock
TXC
RGMII_O Used to latch data from the MAC into the external Ether-
net PHY in RGMII mode.
1000BASE-T: 125MHz
100BASE-TX: 25MHz
10BASE-T: 2.5MHz
Receive Data
RXD3
RXD2
RXD1
RXD0
RGMII_I
The external Ethernet PHY transfers data to the MAC
using these signals.
Receive Control
RX_CTL
RGMII_I
Indicates both the receive data valid (RXDV) and receive
error (RXER) functions per the RGMII specification.
RGMII Receive
Clock
RXC
RGMII_I
Used to transfer data from the external Ethernet PHY to
the MAC in RGMII mode.
1000BASE-T: 125MHz
100BASE-TX: 25MHz
10BASE-T: 2.5MHz
25 MHz Refer-
ence Clock
REFCLK_25
VO12
25 MHz reference clock to be provided to and used as a
reference by the external Gigabit Ethernet PHY.
TABLE 3-3:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com