Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN7430/Y9X Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 28Page - Microchip Technology LAN7430/Y9X Datasheet HTML 29Page - Microchip Technology LAN7430/Y9X Datasheet HTML 30Page - Microchip Technology LAN7430/Y9X Datasheet HTML 31Page - Microchip Technology LAN7430/Y9X Datasheet HTML 32Page - Microchip Technology LAN7430/Y9X Datasheet HTML 33Page - Microchip Technology LAN7430/Y9X Datasheet HTML 34Page - Microchip Technology LAN7430/Y9X Datasheet HTML 35Page - Microchip Technology LAN7430/Y9X Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
LAN7430/LAN7431
DS00002631D-page 32
 2018-2019 Microchip Technology Inc.
6.1.4
TERMINATION CAPACITORS
The TX pins require series capacitors in the range of 100nF to 200nF.
6.1.5
BEACONING
The PHY supports the PCIe beaconing wake-up mechanism.
6.2
PCI Express Endpoint Controller (PCIe EP)
The device integrates a PCIe 3.1 Endpoint controller that includes the following common PCIe features:
• Split transaction, packet-based protocol
• Common flat address space for load/store access
- 32 and 64-bit memory address spaces
- I/O address space
- Configuration address space
• Transaction layer mechanism
• Credit-based flow control
• Various packet sizes and formats
• Reset and initialization
• Data integrity support
• Link layer retry for recovery following error detection
• 8b/10b encoding with running disparity
• In-band messaging
• Power management:
- Wake capability from D3cold state
- Compliant with ACPI, PCI-PM software model
- Active state power management
Additional functional features supported include:
• All non-optional features of the PCI Express Base 3.1 Specification
• The following optional features of the specification:
- Latency Tolerance Reporting (LTR)
- Completion Timeout Ranges
- Function Level Reset (FLR)
- L1 Substates (L1SS, L1.1SS, L1.2SS)
- Optimized Buffer Fill and Flush (OBFF)
- Readiness Notifications (RN)
- PCI Express Active State Power Management (ASPM)
- PCI Express Advanced Error Reporting (AER) with Multiple Header Logging
- Device Serial Number
- ECRC generation and checking
• x1 Gen1 Lane @ 2.5 GT/s
• Advanced Power and Clock Management
• Configurable Max_Payload_Size (128 bytes to 512 bytes)
• MSI and MSI-X with Per-Vector Masking (PVM)
• INTx Legacy interrupt emulation
• Type 0 Configuration space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com