Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 24 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 20Page - Microchip Technology PD69201 Datasheet HTML 21Page - Microchip Technology PD69201 Datasheet HTML 22Page - Microchip Technology PD69201 Datasheet HTML 23Page - Microchip Technology PD69201 Datasheet HTML 24Page - Microchip Technology PD69201 Datasheet HTML 25Page - Microchip Technology PD69201 Datasheet HTML 26Page - Microchip Technology PD69201 Datasheet HTML 27Page - Microchip Technology PD69201 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
5.
Ordering Information
The following table lists the ordering information for the PD69201 device.
Table 5-1. Ordering Information
Part Number
Package
Packaging Type
Temperature
Part Marking
PD69201ILD-TR
Plastic 10-pin
DFN: 3 mm × 4 mm
Tape and Reel
–40 °C to 85 °C
69201
ZZ1
YYWWNNN2
1.
ZZ= Random character
2.
YY= Year; WW= Week; NNN= Trace code
PD69201
Ordering Information
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com