Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology PD69201 Datasheet HTML 17Page - Microchip Technology PD69201 Datasheet HTML 18Page - Microchip Technology PD69201 Datasheet HTML 19Page - Microchip Technology PD69201 Datasheet HTML 20Page - Microchip Technology PD69201 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
3.
Pin Descriptions
The following figure and table describe the pins of the PD69201 device.
Figure 3-1. PD69201 Pinout
Table 3-1. Pin Descriptions
Number
Name
Type
Description
0
PAD
GND-power
Exposed PAD: Connect to analog ground. Maximum the
Ground plane (especially on the bottom layer) for
optimal thermal performance. Use recommended
footprint. (See PD69201 Layout Design Guidelines).
1
IREF
Analog input
Reference resistor pin. Connect a 240 kΩ 1% resistor to
AGND.
2
Disable_Port
Analog I/O
Enable/disable port pin: When applying 5 V—port
enable, 0 V—port disable.
3
Reserved
N/A
Reserved pin. Do not connect externally.
4
MODE/SDA
Analog Input/DIO
Dual purpose: Mode select pin (by connecting external
resistor to ground). I2C SDA signal for PD69201.
5
Power_set/SCL
Analog Input/DI
Dual purpose: Mode select pin (by connecting external
resistor to ground). I2C SDA signal for PD69201.
6
VAUX5
Power
Regulated 5 V output voltage source; Connect to
filtering capacitors (4.7 uF + 100 nF).
7
DRV_VAUX5
See section Auxiliary 5 VDC Power Options.
8
LED
Analog I/O
Dual purpose: Current sink for controlling external LED.
I2C address setting for PD69201 (low sets to address
0x20; high sets to address 0x21).
Note: When an LED is connected to the pin, it sets to
address 0x21.
9
VMAIN
Power
Main high-voltage supply voltage. A low ESR 100 nF (or
higher) bypass capacitor, connected to AGND, should
be placed as close as possible to this pin through low-
resistance traces.
10
VPORT_NEG
Analog I/O
Negative port output.
PD69201
Pin Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com