Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 16 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology PD69201 Datasheet HTML 17Page - Microchip Technology PD69201 Datasheet HTML 18Page - Microchip Technology PD69201 Datasheet HTML 19Page - Microchip Technology PD69201 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Table 2-9. Classification Voltage Generation
Parameter
Symbol
Test Conditions/
Comment
Min.
Typ.
Max.
Unit
Class event
output voltage
Measured between
VMAIN and
VPORT_NEG pins (for
both class blocks on
port).
Load Current= 1 mA, 30
mA, and 60 mA
15.5
18
20.5
V
Mark event
output voltage
Measured between
VMAIN and
VPORT_NEG pins (for
both class blocks on
single port).
Load current= 1 mA and
10 mA
7
8.5
10
V
Class event
current
limitation
I_CLASS_LIM
51
71
100
mA
Table 2-10. POR Cell
Parameter
Symbol
Test
Conditions/
Comment
Min.
Typ.
Max.
Unit
POR high
threshold
4.1
4.35
V
Table 2-11. Disable Port Pin/I2C_address Pins
Parameter
Symbol
Test
Conditions/
Comment
Min.
Typ.
Max.
Unit
Disable_port/
I2C_address
logic high
threshold
VIH
2.2
V
Disable_port/
I2C_address
logic low
threshold
VIL
0.4
V
Table 2-12. LED
Parameter
Symbol
Test
Conditions/
Comment
Min.
Typ.
Max.
Unit
Low level
voltage
VLOW
Sink current
from VMAIN
ISINK= 5 mA
1
V
PD69201
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com