Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
1.9
Power_set Pin (Unmanaged Mode)
In the Unmanaged mode of operation, pin 5 sets the power limit of the port, based on a resistor connected from the
pin to GND.
The following table describes the power levels.
Table 1-3. Power_set Pin
Level
Resistor Value
ILIM (typ)
ICUT (OVL)
Class Events
0
0 Ω
430 mA1
Enabled (375 mA)
No
1
15 kΩ
111 mA
Disabled
No
2
34.8 kΩ
197 mA
Disabled
No
3
59 kΩ
283 mA
Disabled
No
4
86.6 kΩ
490 mA
Disabled
No
5
118 kΩ
614 mA
Disabled
No
6
154 kΩ
981 mA
Disabled
2 Events
7
200 kΩ
759 mA2
Enabled (642 mA)
2 Events
1.
IEEE 802.3af Class 3
2.
IEEE 802.3at Class 4
1.10
MODE Pin (Unmanaged Mode)
In the Unmanaged mode of operation, pin 4 sets the the operation mode of the PD69201, based on a resistor
connected from the pin to GND.
The following table describes the power levels.
Table 1-4. MODE Pin
Level
Resistor Value
Alt A/B
Detection
0
0 Ω
Alt B
IEEE
1
15 kΩ
Alt B
IEEE+ Pre-Standard
2
34.8 kΩ
Alt A
IEEE
3
59 kΩ
Alt A
IEEE+ Pre-Standard
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com