Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 3Page - Microchip Technology PD69201 Datasheet HTML 4Page - Microchip Technology PD69201 Datasheet HTML 5Page - Microchip Technology PD69201 Datasheet HTML 6Page - Microchip Technology PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
...........continued
Name
Address
Width
Field
Bits Type
Reset
Value
Description
TLIM
0x04
8
TLIM
0
R/W
0
TLIM event indication
0: No event.
1: Event occurred.
In AF, OVT_EVENT can be set in
case of TLIM events.
This bit is not COR, and should
be cleared by the host.
LD_ERR
1
R/W
0
Repetitive over load indication
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
DIS_PRT
2
R/W
0
Disable_port external pin high to
low event.
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
SU_DVDT_FAIL 3
R/W
0
Port turned off due to high inrush
current (dV/dt).
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
SU_SC_FAIL
4
R/W
0
Port turned off due to short
during start-up.
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
OVT_EVENT
6
R/W
0
Over-temperature indication
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com