Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 4Page - Microchip Technology PD69201 Datasheet HTML 5Page - Microchip Technology PD69201 Datasheet HTML 6Page - Microchip Technology PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
...........continued
Name
Address
Width
Field
Bits Type
Reset
Value
Description
RPR_EVENT
7
R/W
0
Port external voltage feed
indication
0: No event.
1: Event occurred.
This bit is not COR, and should
be cleared by the host.
STATUS
0x0B
7
RES_DET
1:0
RO
0
0: Open
1: Fail
2: Pass
3: Pass_res_cap
CLASS
4:2
RO
0
0: reset_value
1: class_ovl_err (above 50 mA)
2: class_diff_err (1st class event
is different
then 2nd class event)
3: class_0123
4: class_4
PDP
5
R/W
0
Port delivering power indication
If host writes 0, port shutdown
momentary (push-button).
1: Port is delivering power.
Startup succeeded. RTP is
working.
0: Port is not delivering power.
Host shall not write 1, only 0.
SU_FAIL
6
RO
0
1: Startup fail indication.
SW_USE
0x0D
5
User bits
[3:0] R/W
0
Software read/write register
(general use).
Detects a reset by setting
register to non-zero value and
reading it periodically.
SPARE_IN
[4]
RO
SW_RST
0x0E
8
GEN
[7:0] WO
Reset can be generated by the
host writing 0xAB (push-button
functionality).
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com