Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology PD69201 Datasheet HTML 16Page - Microchip Technology PD69201 Datasheet HTML 17Page - Microchip Technology PD69201 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
2.3
Test Specifications
Unless otherwise specified, the minimum and maximum ratings apply to the operating ambient temperature (TAMB): –
40 °C to 85 °C and tested at 55 V. Typical values stated are either by design or by production testing at 25 °C
ambient.
Table 2-3. Power Supply
Parameter
Symbol
Test
Conditions/
Comment
Min.
Typ.
Max.
Unit
Power supply
current at
operating
mode
VMAIN = 57 V
Port is on.
5
mA
Table 2-4. Digital I/O (SDA, SCL)
Parameter
Symbol
Test
Conditions/
Comment
Min.
Typ.
Max.
Unit
Input logic,
high threshold
VIH
0.6* VAUX5
V
Input logic, low
threshold
VIL
0.8
V
Input high
current
IIH
–10
10
μA
Input low
current
IIL
–10
10
μA
Output low
voltage
VOL
IOH = 1 mA
0.4
V
Table 2-5. Current Limit
Parameter
Symbol
Test Conditions/
Comment
Min.
Typ.
Max.
Unit
Current Limit
ILIM
Custom setting for 4 W
105
111
117
mA
Custom setting for 7 W
186
197
208
mA
Custom setting 10 W
268
283
298
mA
IEEE 802.3af Class 3
setting for 15.4 W
400
430
450
mA
Custom setting for 20 W
464
490
516
mA
Custom setting for 25 W
581
614
647
mA
IEEE 802.3at Class 4
setting for 30 W
684
759
800
mA
Custom setting for 40 W
928
981
1034
mA
PD69201
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com