Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69201 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD69201
Description  1-Port PSE PoE Manager
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69201 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD69201 Datasheet HTML 7Page - Microchip Technology PD69201 Datasheet HTML 8Page - Microchip Technology PD69201 Datasheet HTML 9Page - Microchip Technology PD69201 Datasheet HTML 10Page - Microchip Technology PD69201 Datasheet HTML 11Page - Microchip Technology PD69201 Datasheet HTML 12Page - Microchip Technology PD69201 Datasheet HTML 13Page - Microchip Technology PD69201 Datasheet HTML 14Page - Microchip Technology PD69201 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
1.7
LED
Table 1-2. LED
State
LED
Port on
ON
Port OVL/short/dvdt error/res fail/class error
Blink 1 Hz
VMAIN voltage out of range or IC over temperature
Blink 4 Hz
Port off, UDL
OFF
Idle
Pulse of 30 ms every 2 s
1.8
Auxiliary 5 VDC Power Options
The PD69201 has an internal 5 VDC regulator, which eliminates the need for an external DC/DC converter. This is
option 1, as shown in the following figure. To use the internal regulator, connect DRV-VAUX5 (internal regulator
output) to VAUX5.
Figure 1-4. Option 1
In case it is required to use the 5 V for external periphery, the 5 VDC regulator can be boosted by an external
transistor, which enables powering peripheral circuitry up to 20 mA. This is option 2, as shown in the following figure.
Figure 1-5. Option 2
PD69201
VMAIN
5 V
DRV_VAUX5
VAUX5
100 nF
4.7 μF
4.7 μF
69.1 Ω
PD69201
VMAIN
5 V
DRV_VAUX5
VAUX5
100 nF
4.7 μF
4.7 μF
69.1 Ω
PD69201
Functional Descriptions
© 2021 Microchip Technology Inc.
Datasheet
DS00003454D-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com