Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
36
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
In a similar way, the overload situation is protected during normal operation. If the output voltage falls below 0.35
V and 0.3 V and remains below the threshold level for 1 ms, then the regulator is disabled.
In Buck regulator short-circuit and overload situations, the BUCKx_SC_INT bit in the INT_BUCK register and the
INT_BUCKx bit in the INT_TOP_1 register are set to 1, the BUCKx_STAT bit in BUCK_STAT register is set to 0,
and the nINT signal is pulled low. In LDO regulator short-circuit and overload situations, the LDOx_SC_INT bit in
the INT_LDO register and the INT_LDOx bit in the INT_TOP_1 register are set to 1, the LDOx_STAT bit in the
LDO_STAT register is set to 0, and the nINT signal is pulled low. The host processor clears the interrupt by
writing 1 to the BUCKx_SC_INT or to the LDOx_SC_INT bit. Upon clearing the interrupt, the regulator makes a
new start-up attempt if the regulator is in an enabled state.
7.3.8.3.2
Overvoltage Protection
The LP8733xx device monitors the input voltage from the VANA pin in standby and active operation modes. If
the input voltage rises above the VANAOVP voltage level, the following occurs:
•
All regulators are disabled immediately (without switching ramp or shutdown delays).
•
The pull-down resistors discharge the output voltages, if the pull-down resistors are enabled (the
BUCKx_RDIS_EN = 1 in the BUCKx_CTRL_1 register and the LDOx_RDIS_EN = 1 in the LDOx_CTRL
register).
•
The GPOs are set to logic low level.
•
The nINT signal is pulled low.
•
The OVP_INT bit in the INT_TOP_1 register is set to 1.
•
The BUCKx_STAT bit in the BUCK_STAT register and the LDOx_STAT bit in the LDO_STAT register are set
to 0.
The host processor clears the interrupt by writing 1 to the OVP_INT bit. If the input voltage is above the
overvoltage detection level, then the interrupt is not cleared. The host can read the status of the overvoltage from
the OVP_STAT bit in the TOP_STAT register. The regulators cannot be enabled as long as the input voltage is
above the overvoltage detection level or while the overvoltage interrupt is pending.
7.3.8.3.3
Thermal Shutdown
The LP8733xx has an overtemperature protection function that operates to protect itself from short-term misuse
and overload conditions. When the junction temperature exceeds around 150°C, the regulators are disabled
immediately (without switching ramp and shutdown delays), the TDIE_SD_INT bit in the INT_TOP_1 register is
set to 1, the nINT signal is pulled low, and the device enters STANDBY. The nINT is cleared by writing 1 to the
TDIE_SD_INT bit. If the temperature is above thermal shutdown level, then the interrupt is not cleared. The host
can read the status of the thermal shutdown from the TDIE_SD_STAT bit in the TOP_STAT register. The
regulators cannot be enabled as long as the junction temperature is above the thermal shutdown level or while
the thermal shutdown interrupt is pending.
7.3.8.4 Fault (Power Down)
7.3.8.4.1
Undervoltage Lockout
When the input voltage falls below the VANAUVLO at the VANA pin, the buck and LDO regulators are disabled
immediately (without switching ramp and shutdown delays), the output capacitor is discharged using the
pulldown resistor, and the LP8733xx device enters SHUTDOWN. When the V(VANA) voltage is above the
VANAUVLO threshold level, the device powers up to STANDBY state.
If the reset interrupt is unmasked by default (OTP bit for RESET_REG_MASK is 0 in TOP_MASK_2 register),
then the RESET_REG_INT interrupt bit in the INT_TOP_2 register indicates that the device has been in
SHUTDOWN. The host processor must clear the interrupt by writing 1 to the RESET_REG_INT bit. If the host
processor reads the RESET_REG_INT interrupt bit after detecting an nINT low signal, then it detects that the
input supply voltage has been below the VANAUVLO level (or the host has requested reset with the SW_RESET
bit in the RESET register), and the registers are reset to default values.
7.3.9 Operation of the GPO Signals
The LP8733xx device supports up to two general purpose output signals, GPO and GPO2. The GPO2 signal is
multiplexed with the CLKIN signal. The selection between the CLKIN and GPO2 pin function is set with the
CLKIN_PIN_SEL bit in the CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com