Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 13Page - Texas Instruments LP8733 Datasheet HTML 14Page - Texas Instruments LP8733 Datasheet HTML 15Page - Texas Instruments LP8733 Datasheet HTML 16Page - Texas Instruments LP8733 Datasheet HTML 17Page - Texas Instruments LP8733 Datasheet HTML 18Page - Texas Instruments LP8733 Datasheet HTML 19Page - Texas Instruments LP8733 Datasheet HTML 20Page - Texas Instruments LP8733 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
UVLO
SW
Reset
Digital
Logic
Registers
I2C
Enable
and Disable,
Delay
Control
Slew-Rate
Control
Interrupts
nINT
SDA
SCL
EN
VANA
OTP
EPROM
Thermal
Monitor
Oscillator
Buck0
ILIM Det
Pwrgood Det
Overload and
SC Det
Buck1
LDO0
LDO1
ILIM Det
Pwrgood Det
Overload and
SC Det
ILIM Det
Pwrgood Det
Overload
and SC Det
ILIM Det
Pwrgood Det
Overload
and SC Det
Ref &
Bias
Iload ADC
Iload ADC
CLKIN (GPO2)
PGOOD
GPO
Copyright © 2016, Texas Instruments Incorporated
17
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 DC/DC Converters
7.3.1.1 Overview
The LP8733xx includes two step-down DC/DC converter cores. The cores are designed for flexibility; most of the
functions are programmable, thus giving a possibility to optimize the regulator operation for each application. The
cores can be configured either for a dual-phase single output configuration or for a single-phase dual output
configuration. The buck regulators deliver 0.7-V to 3.36-V regulated voltage rails from a 2.8-V to 5.5-V supply
voltage.
The LP8733xx has the following features:
•
DVS support with programmable slew rate
•
Automatic mode control based on the loading (PFM or PWM mode)
•
Forced PWM mode option
•
Optional external clock input to minimize crosstalk
•
Optional spread-spectrum technique to reduce EMI
•
Phase control for optimized EMI
•
Synchronous rectification
•
Current mode loop with PI compensator
•
Soft start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com