Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments LP8733 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
1
Bit 7
MSB
LSB
I
2C Slave Address (chip address)
1
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
R/W
Bit 0
ACK from slave
START
MSB Chip Address LSB
SCL
ACK from slave
W
MSB Register Address LSB
RS
R
MSB
Data
LSB
STOP
ACK from slave
NACK from master
REPEATED START
Data from slave
SDA
START
id = 0x60
W ACK
address = 0x3F
ACK
RS
R ACK
address 0x3F data
NACK
STOP
MSB Chip Address LSB
id = 0x60
41
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Programming (continued)
When READ function is to be accomplished, a WRITE function must precede the READ function as shown above.
Figure 27. Read Cycle (r = read; SDA = 1). Example Device Address = 0x60
7.5.1.4 I2C-Compatible Chip Address
After the START condition, the I2C master sends the 7-bit address followed by an eighth bit, read or write (R/W).
R/W = 0 indicates a WRITE and R/W = 1 indicates a READ. The second byte following the device address
selects the register address to which the data is written. The third byte contains the data for the selected register.
Here in an example with device address of 1100000Bin = 60Hex.
Figure 28. Device Address Example
7.5.1.5 Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an 8-
bit word is sent to the LP8733xx, the internal address index counter is incremented by one and the next register
is written. Table 6 shows writing sequence to two consecutive registers. The auto-increment feature does not
work for read.
Table 6. Auto-Increment Example
MASTER
ACTION
START
DEVICE
ADDRES
S = X
WRITE
REGISTER
ADDRESS
DATA
DATA
STOP
LP8733x
x
ACK
ACK
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com