Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 47Page - Texas Instruments LP8733 Datasheet HTML 48Page - Texas Instruments LP8733 Datasheet HTML 49Page - Texas Instruments LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
51
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 25. GPO2_DELAY Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
3:0
GPO2_
STARTUP_
DELAY[3:0]
R/W
X
Delay for the GPO2 rising edge from the EN signal's rising edge:
0x0 - 0 ms
0x1 - 0.5 ms (1 ms if STARTUP_DELAY_SEL=1 in the CONFIG register.)
...
0xF - 7.5 ms (15 ms if STARTUP_DELAY_SEL=1 in the CONFIG register.)
7.6.1.19 GPO_CTRL
GPO_CTRL is shown in Table 26, Address: 0x12
Figure 47. GPO_CTRL Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do
not use
GPO2_OD
GPO2_EN_PIN
_CTRL
GPO2_EN
Reserved - do
not use
GPO_OD
GPO_EN_PIN_
CTRL
GPO_EN
Table 26. GPO_CTRL Register Field Descriptions
Bits
Field
Type
Default
Description
7
Reserved - do not
use
R
0
6
GP02_OD
R/W
X
GPO2 signal type when configured as the General Purpose Output (CLKIN pin):
0 - Push-pull output (VANA level)
1 - Open-drain output
5
GPO2_EN_PIN_C
TRL
R/W
X
Control for the GPO2:
0 - Only the GPO2_EN bit controls the GPO2
1 - GPO2_EN bit and the EN pin control the GPO2.
4
GPO2_EN
R/W
X
Output level of the GPO2 signal (when configured as the General Purpose Output):
0 - Logic low level
1 - Logic high level
3
Reserved - do not
use
R
0
2
GPO_OD
R/W
X
GPO signal type:
0 - Push-pull output (VANA level)
1 - Open-drain output
1
GPO_EN_PIN_CT
RL
R/W
X
Control for the GPO:
0 - Only the GPO_EN bit controls the GPO
1 - GPO_EN bit and the EN pin control the GPO.
0
GPO_EN
R/W
X
Output level of the GPO signal:
0 - Logic low level
1 - Logic high level
7.6.1.20 CONFIG
CONFIG is shown in Table 27, Address: 0x13
Figure 48. CONFIG Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do
not use
STARTUP_DE
LAY_SEL
SHUTDOWN_
DELAY_SEL
CLKIN_PIN_SE
L
CLKIN_PD
EN2_PD
TDIE_WARN_
LEVEL
EN_SPREAD
_SPEC
Table 27. CONFIG Register Field Descriptions
Bits
Field
Type
Default
Description
7
Reserved - do not
use
R/W
0
6
STARTUP_DELAY
_SEL
R/W
X
Startup delay range from the EN signals.
0 - 0 ms - 7.5 ms with 0.5 ms steps
1 - 0 ms - 15 ms with 1 ms steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com