Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
55
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 33. INT_TOP_1 Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
3
TDIE_SD_INT
R/W
0
Latched status bit indicating that the die junction temperature has exceeded the
thermal shutdown level. The regulators have been disabled if they were enabled and
the GPO and GPO2 signals are driven low. The regulators cannot be enabled if this bit
is active. The actual status of the thermal shutdown is indicated by the
TDIE_SD_STAT bit in the TOP_STAT register.
Write 1 to clear interrupt.
2
TDIE_WARN_INT
R/W
0
Latched status bit indicating that the die junction temperature has exceeded the
thermal warning level. The actual status of the thermal warning is indicated by the
TDIE_WARN_STAT bit in the TOP_STAT register.
Write 1 to clear interrupt.
1
OVP_INT
R/W
0
Latched status bit indicating that the input voltage has exceeded the over-voltage
detection level. The regulators have been disabled if they were enabled and the GPO
and GPO2 signals are driven low. The actual status of the over-voltage is indicated by
the OVP_STAT bit in the TOP_STAT register.
Write 1 to clear interrupt.
0
I_MEAS_INT
R/W
0
Latched status bit indicating that the load current measurement result is available in
the I_LOAD_1 and I_LOAD_2 registers.
Write 1 to clear interrupt.
7.6.1.27 INT_TOP_2
INT_TOP_2 is shown in Table 34, Address: 0x1A
Figure 55. INT_TOP_2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
RESET_REG_I
NT
Table 34. INT_TOP_2 Register Field Descriptions
Bits
Field
Type
Default
Description
7:1
Reserved - do not
use
R/W
000 0000
0
RESET_REG_INT
R/W
0
Latched status bit indicating that either VANA supply voltage has been below the
undervoltage threshold level or the host has requested a reset using the SW_RESET
bit in RESET register. The regulators have been disabled, the registers are reset to the
default values, and the normal startup procedure is done.
Write 1 to clear interrupt.
7.6.1.28 INT_BUCK
INT_BUCK is shown in Table 35, Address: 0x1B
Figure 56. INT_BUCK Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do
not use
BUCK1_PG
_INT
BUCK1_SC
_INT
BUCK1_ILIM
_INT
Reserved - do
not use
BUCK0_PG
_INT
BUCK0_SC
_INT
BUCK0_ILIM
_INT
Table 35. INT_BUCK Register Field Descriptions
Bits
Field
Type
Default
Description
7
Reserved - do not
use
R/W
0
6
BUCK1_PG_INT
R/W
0
Latched status bit indicating that Buck1 Power-Good event has been detected.
Write 1 to clear.
5
BUCK1_SC_INT
R/W
0
Latched status bit indicating that the Buck1 output voltage has been over 1 ms below
the short-circuit threshold level.
Write 1 to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com