Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 54 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
54
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 31. PG_FAULT Register Field Descriptions
Bits
Field
Type
Default
Description
7:4
Reserved - do not
use
R/W
0000
3
PG_FAULT_LDO1
R/W
0
Source for the PGOOD inactive signal:
0 - LDO1 has not set the PGOOD signal inactive.
1 - LDO1 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the LDO1 output is valid.
2
PG_FAULT_LDO0
R/W
0
Source for PGOOD inactive signal:
0 - LDO0 has not set the PGOOD signal inactive.
1 - LDO0 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the LDO0 output is valid.
1
PG_FAULT_BUCK
1
R/W
0
Source for PGOOD inactive signal:
0 - Buck1 has not set PGOOD signal inactive.
1 - Buck1 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the Buck1 output is valid.
0
PG_FAULT_BUCK
0
R/W
0
Source for PGOOD inactive signal:
0 - Buck0 has not set PGOOD signal inactive.
1 - Buck0 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the Buck0 output is valid.
7.6.1.25 RESET
RESET is shown in Table 32, Address: 0x18
Figure 53. RESET Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
SW_RESET
Table 32. RESET Register Field Descriptions
Bits
Field
Type
Default
Description
7:1
Reserved - do not
use
R/W
000 0000
0
SW_RESET
R/W
0
Software commanded reset. When written to 1, the registers will be reset to the default
values, the OTP memory is read, and the I2C interface is reset.
The bit is automatically cleared.
7.6.1.26 INT_TOP_1
INT_TOP_1 is shown in Table 33, Address: 0x19
Figure 54. INT_TOP_1 Register
D7
D6
D5
D4
D3
D2
D1
D0
PGOOD_INT
LDO_INT
BUCK_INT
SYNC_CLK_IN
T
TDIE_SD_INT
TDIE_WARN_I
NT
OVP_INT
I_MEAS_INT
Table 33. INT_TOP_1 Register Field Descriptions
Bits
Field
Type
Default
Description
7
PGOOD_INT
R/W
0
Latched status bit indicating that the PGOOD pin has changed from active to inactive.
Write 1 to clear interrupt.
6
LDO_INT
R
0
Interrupt indicating that the LDO1 and LDO0 have a pending interrupt. The reason for
the interrupt is indicated in the INT_LDO register.
This bit is cleared automatically when the INT_LDO register is cleared to 0x00.
5
BUCK_INT
R
0
Interrupt indicating that the Buck1 and Buck0 have a pending interrupt. The reason for
the interrupt is indicated in the INT_BUCK register.
This bit is cleared automatically when INT_BUCK register is cleared to 0x00.
4
SYNC_CLK_INT
R/W
0
Latched status bit indicating that the external clock has appeared or disappeared.
Write 1 to clear interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com