Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 65 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments LP8733 Datasheet HTML 68Page - Texas Instruments LP8733 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
65
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.1.2 Buck Input Capacitor Selection
The input capacitors CIN_BUCK0 and CIN_BUCK1 are shown in the Typical Applications. A ceramic input bypass
capacitor of 10 μF is required for each phase of the regulator. Place the input capacitor as close as possible to
the VIN_Bx pin and PGND_Bx pin of the device. A larger value or higher voltage rating improves the input
voltage filtering. Use X7R type of capacitors, not Y5V or F. Also, the DC bias characteristics capacitors must be
considered. The minimum effective input capacitance to ensure good performance is 1.9 μF per buck input at
maximum input voltage including tolerances, ambient temperature range, and aging (assuming at least 22 μF of
additional capacitance is common for all the power input pins on the system power rail). See Table 48.
The input filter capacitor supplies current to the high-side FET switch in the first half of each cycle and reduces
voltage ripple imposed on the input power source. The low ESR of the ceramic capacitor provides the best noise
filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
sufficient ripple current rating. In addition, ferrite can be used in front of the input capacitor to reduce the EMI.
Table 48. Recommended Buck Input Capacitor (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE
RATING
Murata
GCM21BR71A106KE22
10 µF (10%)
0805
2 × 1.25 × 1.25
10 V
8.2.1.3 Buck Output Capacitor Selection
The output capacitor COUT_BUCK0 and COUT_BUCK1 are shown in Typical Applications. A ceramic local output
capacitor of 22 μF is required per phase. Use ceramic capacitors, X7R type; do not use Y5V or F. DC bias
voltage characteristics of ceramic capacitors must be considered. The output filter capacitor smooths out current
flow from the inductor to the load, which helps maintain a steady output voltage during transient load changes
and reduces output voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently
low ESR and ESL to perform these functions. The minimum effective output capacitance to ensure good
performance is 10 μF per phase, including the DC voltage rolloff, tolerances, aging, and temperature effects.
The output voltage ripple is caused by the charging and discharging of the output capacitor and due to its RESR.
The RESR is frequency dependent (and temperature dependent); ensure the value used for selection process is
at the switching frequency of the part. See Table 49.
POL capacitors CPOL_BUCKx can be used to improve load transient performance and to decrease the ripple
voltage. A higher output capacitance improves the load step behavior, reduces the output voltage ripple, and
decreases the PFM switching frequency. However, output capacitance higher than 150 μF per phase is not
necessarily of any benefit. The output capacitor may be the limiting factor in the output voltage ramp, see
Specifications for maximum output capacitance for different slew-rate settings. For large output capacitors, the
output voltage might be slower than the programmed ramp rate at voltage transitions, because of the higher
energy stored on the output capacitance. Also at start-up, the time required to charge the output capacitor to
target value might be longer. At shutdown, the output voltage is discharged to a 0.6 V level using forced-PWM
operation. This can increase the input voltage if the load current is small and the output capacitor is large
compared to input capacitor. Below the 0.6 V level, the output capacitor is discharged by the internal discharge
resistor, and with large capacitor more time is required to settle VOUT down as a consequence of the increased
time constant.
Table 49. Recommended Buck Output Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM31CR71A226KE02
22 µF (10%)
1206
3.2 × 1.6 × 1.6
10 V
8.2.1.4 LDO Input Capacitor Selection
The input capacitors CIN_LDO0 and CIN_LDO1 are shown in the Table 50. A ceramic input capacitor of 2.2 μF, 6.3 V
is sufficient for most applications. Place the input capacitor as close as possible to the VIN_LDOx pin and AGND
pin of the device. A larger value or higher voltage rating improves the input voltage filtering. Use X7R type of
capacitors, not Y5V or F. DC bias characteristics of capacitors must be considered, the minimum effective input
capacitance to ensure good performance is 0.6 μF per LDO input at maximum input voltage including tolerances,
ambient temperature range, and aging. See Table 50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com