Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
57
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 37. TOP_STAT Register Field Descriptions
Bits
Field
Type
Default
Description
7
PGOOD_STAT
R
0
Status bit indicating the status of the PGOOD pin:
0 - PGOOD pin is inactive.
1 - PGOOD pin is active.
6:5
Reserved - do not
use
R
00
4
SYNC_CLK_STAT
R
0
Status bit indicating the status of the external clock (CLKIN):
0 - External clock frequency is valid.
1 - External clock frequency is not valid.
3
TDIE_SD_STAT
R
0
Status bit indicating the status of the thermal shutdown:
0 - Die temperature below the thermal shutdown level.
1 - Die temperature above the thermal shutdown level.
2
TDIE_WARN
_STAT
R
0
Status bit indicating the status of thermal warning:
0 - Die temperature below the thermal warning level.
1 - Die temperature above the thermal warning level.
1
OVP_STAT
R
0
Status bit indicating the status of the input overvoltage monitoring:
0 - Input voltage is below overvoltage threshold level.
1 - Input voltage above overvoltage threshold level.
0
Reserved - do not
use
R
0
7.6.1.31 BUCK_STAT
BUCK_STAT is shown in Table 38, Address: 0x1E
Figure 59. BUCK_STAT Register
D7
D6
D5
D4
D3
D2
D1
D0
BUCK1_STAT
BUCK1_PG
_STAT
Reserved - do
not use
BUCK1_ILIM
_STAT
BUCK0_STAT
BUCK0_PG
_STAT
Reserved - do
not use
BUCK0_ILIM
_STAT
Table 38. BUCK_STAT Register Field Descriptions
Bits
Field
Type
Default
Description
7
BUCK1_STAT
R
0
Status bit indicating the enable and disable status of the Buck1:
0 - Buck1 regulator is disabled.
1 - Buck1 regulator is enabled.
6
BUCK1_PG_STAT
R
0
Status bit indicating the Buck1 output voltage validity (raw status):
0 - Buck1 output voltage is valid.
1 - Buck1 output voltage is invalid.
5
Reserved - do not
use
R
0
4
BUCK1_ILIM
_STAT
R
0
Status bit indicating the Buck1 current limit status (raw status):
0 - Buck1 output current is below the current limit level.
1 - Buck1 output current limit is active.
3
BUCK0_STAT
R
0
Status bit indicating the enable and disable status of the Buck0:
0 - Buck0 regulator is disabled.
1 - Buck0 regulator is enabled.
2
BUCK0_PG_STAT
R
0
Status bit indicating the Buck0 output voltage validity (raw status):
0 - Buck0 output voltage is valid.
1 - Buck0 output voltage is invalid.
1
Reserved - do not
use
R
0
0
BUCK0_ILIM
_STAT
R
0
Status bit indicating the Buck0 current limit status (raw status):
0 - Buck0 output current is below the current limit level.
1 - Buck0 output current limit is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com