Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 187 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 187 Page - NEC

Back Button VR4102 Datasheet HTML 183Page - NEC VR4102 Datasheet HTML 184Page - NEC VR4102 Datasheet HTML 185Page - NEC VR4102 Datasheet HTML 186Page - NEC VR4102 Datasheet HTML 187Page - NEC VR4102 Datasheet HTML 188Page - NEC VR4102 Datasheet HTML 189Page - NEC VR4102 Datasheet HTML 190Page - NEC VR4102 Datasheet HTML 191Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
187
6.4.13 Coprocessor Unusable Exception
Cause
The Coprocessor Unusable exception occurs when an attempt is made to execute a coprocessor instruction for
either:
a corresponding coprocessor unit that has not been marked usable (Status register bit, CU[0] = 0), or
CP0 instructions, when the unit has not been marked usable (Status register bit, CU[0] = 0) and the process
executes in User or Supervisor mode.
This exception is not maskable.
Processing
The common exception vector is used for this exception, and the CPU code in the ExcCode field of the Cause
register is set. The CE bit of the Cause register indicates which of the four coprocessors was referenced.
The EPC register contains the address of the coprocessor instruction that causes an exception unless it is in a
branch delay slot, in which case the EPC register contains the address of the preceding branch instruction and
the BD bit of the Cause register is set to 1.
Servicing
The coprocessor unit to which an attempted reference was made is identified by the CE bit of the Cause register.
One of the following processing is performed by the handler:
If the process is entitled access to the coprocessor, the coprocessor is marked usable and the
corresponding state is restored to the coprocessor.
If the process is entitled access to the coprocessor, but the coprocessor does not exist or has failed,
interpretation of the coprocessor instruction is possible.
If the BD bit in the Cause register is set to 1, the branch instruction must be interpreted; then the
coprocessor instruction can be emulated and execution resumed with the EPC register advanced past the
coprocessor instruction.
If the process is not entitled access to the coprocessor, the kernel reports UNIX SIGILL/ILL_PRIVIN_FAULT
(illegal instruction/privileged instruction fault) signal to the current process, and this exception is fatal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com