Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 40 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 40 Page - NEC

Back Button VR4102 Datasheet HTML 36Page - NEC VR4102 Datasheet HTML 37Page - NEC VR4102 Datasheet HTML 38Page - NEC VR4102 Datasheet HTML 39Page - NEC VR4102 Datasheet HTML 40Page - NEC VR4102 Datasheet HTML 41Page - NEC VR4102 Datasheet HTML 42Page - NEC VR4102 Datasheet HTML 43Page - NEC VR4102 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 701 page
background image
CHAPTER 1 INTRODUCTION
40
Table 1-12. KIU Registers
Register symbols
Function
Address
KIUDAT0
KIU Data0 Register
0x0B00 0180
KIUDAT1
KIU Data1 Register
0x0B00 0182
KIUDAT2
KIU Data2 Register
0x0B00 0184
KIUDAT3
KIU Data3 Register
0x0B00 0186
KIUDAT4
KIU Data4 Register
0x0B00 0188
KIUDAT5
KIU Data5 Register
0x0B00 018A
KIUSCANREP
KIU Scan/Repeat Register
0x0B00 0190
KIUSCANS
KIU Scan Status Register
0x0B00 0192
KIUWKS
KIU Wait Keyscan Stable Register
0x0B00 0194
KIUWKI
KIU Wait Keyscan Interval Register
0x0B00 0196
KIUINT
KIU Interrupt Register
0x0B00 0198
KIURST
KIU Reset Register
0x0B00 019A
KIUGPEN
KIU General Purpose Output Enable Register
0x0B00 019C
SCANLINE
KIU Scan Line Register
0x0B00 019E
Table 1-13. DSIU Registers
Register symbols
Function
Address
PORTREG
Port Change Register
0x0B00 01A0
MODEMREG
Modem Control Register
0x0B00 01A2
ASIM00REG
Asynchronous Mode 0 Register
0x0B00 01A4
ASIM01REG
Asynchronous Mode 1 Register
0x0B00 01A6
RXB0RREG
Receive Buffer Register (Extended)
0x0B00 01A8
RXB0LREG
Receive Buffer Register
0x0B00 01AA
TXS0RREG
Transmit Data Register (Extended)
0x0B00 01AC
TXS0LREG
Transmit Data Register
0x0B00 01AE
ASIS0REG
Status Register
0x0B00 01B0
INTR0REG
Debug SIU Interrupt Register
0x0B00 01B2
BPRM0REG
Baud-rate Generator Prescaler Mode Register
0x0B00 01B6
DSIURESETREG
Debug SIU Reset Register
0x0B00 01B8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com