Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 95 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 95 Page - NEC

Back Button VR4102 Datasheet HTML 91Page - NEC VR4102 Datasheet HTML 92Page - NEC VR4102 Datasheet HTML 93Page - NEC VR4102 Datasheet HTML 94Page - NEC VR4102 Datasheet HTML 95Page - NEC VR4102 Datasheet HTML 96Page - NEC VR4102 Datasheet HTML 97Page - NEC VR4102 Datasheet HTML 98Page - NEC VR4102 Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 701 page
background image
CHAPTER 3 CPU INSTRUCTION SET SUMMARY
95
Table 3-16. Branch Instructions (Extended ISA)
Instruction
Format and Description
Branch On Equal
Likely
BEQL rs, rt, offset
If the contents of register rs are equal to that of register rt, the program branches to the target address.
If the branch condition is not met, the instruction in the delay slot is discarded.
Branch On Not Equal
Likely
BNEL rs, rt, offset
If the contents of register rs are not equal to that of register rt, the program branches to the target
address. If the branch condition is not met, the instruction in the delay slot is discarded.
Branch On Less Than
Or Equal To Zero
Likely
BLEZL rs, offset
If the contents of register rs are less than or equal to zero, the program branches to the target address.
If the branch condition is not met, the instruction in the delay slot is discarded.
Branch On Greater
Than Zero
BGTZ rs, offset
If the contents of register rs are greater than zero, the program branches to the target address. If the
branch condition is not met, the instruction in the delay slot is discarded.
Instruction
Format and Description
Branch On Less Than
Zero Likely
BLTZL rs, offset
If the contents of register rs are less than zero, the program branches to the target address. If the
branch condition is not met, the instruction in the delay slot is discarded.
Branch On Greater
Than Or Equal To
Zero Likely
BGEZL rs, offset
If the contents of register rs are greater than or equal to zero, the program branches to the target
address. If the branch condition is not met, the instruction in the delay slot is discarded.
Branch On Less Than
Zero And Link Likely
BLTZALL rs, offset
The address of the instruction that follows delay slot is stored to register r31 (link register). If the
contents of register rs are less than zero, the program branches to the target address. If the branch
condition is not met, the instruction in the delay slot is discarded.
Branch On Greater
Than Or Equal To
Zero And Link Likely
BGEZALL rs, offset
The address of the instruction that follows delay slot is stored to register r31 (link register). If the
contents of register rs are greater than or equal to zero, the program branches to the target address. If
the branch condition is not met, the instruction in the delay slot is discarded.
Instruction
Format and Description
Branch On
Coprocessor 0 True
Likely
BC0TL offset
Adds the 16-bit offset (shifted left by two bits and sign extended to 32 bits) to the address of the
instruction in the delay slot to calculate out the branch target address. If the conditional signal of the
coprocessor 0 is true, the program branches to the target address with one-instruction delay. If the
branch condition is not met, the instruction in the delay slot is discarded.
Branch On
Coprocessor 0 False
Likely
BC0FL offset
Adds the 16-bit offset (shifted left by two bits and sign extended to 32 bits) to the address of the
instruction in the delay slot to calculate out the branch target address. If the conditional signal of the
coprocessor 0 is false, the program branches to the target address with one-instruction delay. If the
branch condition is not met, the instruction in the delay slot is discarded.
op
rs
rt
offset
REGIMM
offset
rs
sub
COP0
offset
BC
br



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com