Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 50 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 50 Page - NEC

Back Button VR4102 Datasheet HTML 46Page - NEC VR4102 Datasheet HTML 47Page - NEC VR4102 Datasheet HTML 48Page - NEC VR4102 Datasheet HTML 49Page - NEC VR4102 Datasheet HTML 50Page - NEC VR4102 Datasheet HTML 51Page - NEC VR4102 Datasheet HTML 52Page - NEC VR4102 Datasheet HTML 53Page - NEC VR4102 Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 701 page
background image
CHAPTER 1 INTRODUCTION
50
Table 1-18. System Control Coprocessor (CP0) Register Definitions
Number
Register
Description
0
Index
Programmable pointer to TLB array
1
Random
Pseudo-random pointer to TLB array (read only)
2
EntryLo0
Low half of TLB entry for even VPN
3
EntryLo1
Low half of TLB entry for odd VPN
4
Context
Pointer to kernel virtual PTE in 32-bit mode
5
PageMask
TLB page mask
6
Wired
Number of wired TLB entries
7
Reserved for future use
8
BadVAddr
Virtual address where the most recent error occurred
9
Count
Timer count
10
EntryHi
High half of TLB entry (including ASID)
11
Compare
Timer compare
12
Status
Status register
13
Cause
Cause of last exception
14
EPC
Exception Program Counter
15
PRId
Processor revision identifier
16
Config
Configuration register (specifying memory mode system)
17
LLAddr
Reserved
18
WatchLo
Memory reference trap address low bits
19
WatchHi
Memory reference trap address high bits
20
XContext
Pointer to kernel virtual PTE in 64-bit mode
21 to 25
Reserved for future use
26
PErr
Cache parity bits
27
CacheErr
Index and status of cache error
28
TagLo
Cache Tag register (low)
29
TagHi
Cache Tag register (high)
30
ErrorEPC
Error Exception Program Counter
31
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com